Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430F14X Datasheet(PDF) 11 Page - Texas Instruments

Part # MSP430F14X
Description  MSP430F14x, MSP430F14x1, MSP430F13x Mixed-Signal Microcontrollers
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F14X Datasheet(HTML) 11 Page - Texas Instruments

Back Button MSP430F14X Datasheet HTML 7Page - Texas Instruments MSP430F14X Datasheet HTML 8Page - Texas Instruments MSP430F14X Datasheet HTML 9Page - Texas Instruments MSP430F14X Datasheet HTML 10Page - Texas Instruments MSP430F14X Datasheet HTML 11Page - Texas Instruments MSP430F14X Datasheet HTML 12Page - Texas Instruments MSP430F14X Datasheet HTML 13Page - Texas Instruments MSP430F14X Datasheet HTML 14Page - Texas Instruments MSP430F14X Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 83 page
background image
11
MSP430F149, MSP430F148, MSP430F147
MSP430F1491, MSP430F1481, MSP430F1471
MSP430F135, MSP430F133
www.ti.com
SLAS272H – JULY 2000 – REVISED MAY 2018
Submit Documentation Feedback
Product Folder Links: MSP430F149 MSP430F148 MSP430F147 MSP430F1491 MSP430F1481 MSP430F1471
MSP430F135 MSP430F133
Terminal Configuration and Functions
Copyright © 2000–2018, Texas Instruments Incorporated
Table 4-1. Signal Descriptions for MSP430F13x and MSP430F14x (continued)
SIGNAL NAME
PIN NO.
I/O
DESCRIPTION
(1)
MSP430F14x devices only
P3.5/URXD0
33
I/O
General-purpose digital I/O pin
Receive data in for USART0 in UART mode
P3.6/UTXD1(1)
34
I/O
General-purpose digital I/O pin
Transmit data out for USART1 in UART mode
P3.7/URXD1(1)
35
I/O
General-purpose digital I/O pin
Receive data in for USART1 in UART mode
P4.0/TB0
.36
I/O
General-purpose digital I/O pin
Timer_B, capture: CCI0A or CCI0B input, compare: Out0 output
P4.1/TB1
37
I/O
General-purpose digital I/O pin
Timer_B, capture: CCI1A or CCI1B input, compare: Out1 output
P4.2/TB2
38
I/O
General-purpose digital I/O pin
Timer_B, capture: CCI2A or CCI2B input, compare: Out2 output
P4.3/TB3(1)
39
I/O
General-purpose digital I/O pin
Timer_B, capture: CCI3A or CCI3B input, compare: Out3 output
P4.4/TB4(1)
40
I/O
General-purpose digital I/O pin
Timer_B, capture: CCI4A or CCI4B input, compare: Out4 output
P4.5/TB5(1)
41
I/O
General-purpose digital I/O pin
Timer_B, capture: CCI5A or CCI5B input, compare: Out5 output
P4.6/TB6(1)
42
I/O
General-purpose digital I/O pin
Timer_B, capture: CCI6A or CCI6B input, compare: Out6 output
P4.7/TBCLK
43
I/O
General-purpose digital I/O pin
Timer_B, clock signal TBCLK input
P5.0/STE1(1)
44
I/O
General-purpose digital I/O pin
Slave transmit enable for USART1 in SPI mode
P5.1/SIMO1(1)
45
I/O
General-purpose digital I/O pin
Slave in/master out of USART1 in SPI mode
P5.2/SOMI1(1)
46
I/O
General-purpose digital I/O pin
Slave out/master in of USART1 in SPI mode
P5.3/UCLK1(1)
47
I/O
General-purpose digital I/O pin
USART1 clock: external input in UART or SPI mode, output in SPI mode
P5.4/MCLK
48
I/O
General-purpose digital I/O pin
Main system clock MCLK output
P5.5/SMCLK
49
I/O
General-purpose digital I/O pin
Submain system clock SMCLK output
P5.6/ACLK
50
I/O
General-purpose digital I/O pin
Auxiliary clock ACLK output
P5.7/TBOUTH
51
I/O
General-purpose digital I/O pin
Switch all PWM digital output ports to high impedance for Timer_B7 (TB0 to TB6)
P6.0/A0
59
I/O
General-purpose digital I/O pin
Analog input A0 for ADC
P6.1/A1
60
I/O
General-purpose digital I/O pin
Analog input A1 for ADC
P6.2/A2
61
I/O
General-purpose digital I/O pin
Analog input A2 for ADC
P6.3/A3
2
I/O
General-purpose digital I/O pin
Analog input A3 for ADC
P6.4/A4
3
I/O
General-purpose digital I/O pin
Analog input A4 for ADC
P6.5/A5
4
I/O
General-purpose digital I/O pin
Analog input A5 for ADC
P6.6/A6
5
I/O
General-purpose digital I/O pin
Analog input A6 for ADC
P6.7/A7
6
I/O
General-purpose digital I/O pin
Analog input A7 for ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com