Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430F14X Datasheet(PDF) 21 Page - Texas Instruments

Part # MSP430F14X
Description  MSP430F14x, MSP430F14x1, MSP430F13x Mixed-Signal Microcontrollers
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F14X Datasheet(HTML) 21 Page - Texas Instruments

Back Button MSP430F14X Datasheet HTML 17Page - Texas Instruments MSP430F14X Datasheet HTML 18Page - Texas Instruments MSP430F14X Datasheet HTML 19Page - Texas Instruments MSP430F14X Datasheet HTML 20Page - Texas Instruments MSP430F14X Datasheet HTML 21Page - Texas Instruments MSP430F14X Datasheet HTML 22Page - Texas Instruments MSP430F14X Datasheet HTML 23Page - Texas Instruments MSP430F14X Datasheet HTML 24Page - Texas Instruments MSP430F14X Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 83 page
background image
21
MSP430F149, MSP430F148, MSP430F147
MSP430F1491, MSP430F1481, MSP430F1471
MSP430F135, MSP430F133
www.ti.com
SLAS272H – JULY 2000 – REVISED MAY 2018
Submit Documentation Feedback
Product Folder Links: MSP430F149 MSP430F148 MSP430F147 MSP430F1491 MSP430F1481 MSP430F1471
MSP430F135 MSP430F133
Specifications
Copyright © 2000–2018, Texas Instruments Incorporated
5.13 Wake-up Time From LPM3
over recommended operating supply voltage and free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
UNIT
t(LPM3)
Wake-up time from LPM3
f = 1 MHz
2.2 V, 3 V
6
µs
f = 2 MHz
6
f = 3 MHz
6
(1)
This parameter defines the minimum supply voltage when the data in program memory RAM remain unchanged. No program execution
should take place during this supply voltage condition.
5.14 RAM
over recommended operating supply voltage and free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VRAMh
Minimum supply voltage(1)
CPU halted
1.6
V
(1)
The leakage current for the Comparator_A terminals is identical to the IlkgPx.x) specification.
(2)
The input offset voltage can be cancelled by using the CAEX bit to invert the Comparator_A inputs on successive measurements.The
two successive measurements are then summed together.
5.15 Comparator_A
(1)
over recommended operating supply voltage and free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
I(DD)
Supply current
CAON = 1 CARSEL = 0 CAREF = 0
2.2 V
25
40
µA
3 V
45
60
I(Refladder/Refdiode)
Reference ladder supply
current
CAON = 1, CARSEL = 0,
CAREF 1, 2, or 3, No load at
P2.3/CA0/TA1 and P2.4/CA1/TA2
2.2 V
30
50
µA
3 V
45
71
V(IC)
Common-mode input
voltage
CAON = 1
2.2 V, 3 V
0
VCC – 1
V
V(Ref025)
Ratio of (voltage at
0.25 VCC node) / VCC
PCA0 = 1, CARSEL = 1, CAREF = 1,
No load at P2.3/CA0/TA1 and
P2.4/CA1/TA2
2.2 V, 3 V
0.23
0.24
0.25
V(Ref050)
Ratio of (voltage at
0.5 VCC node) / VCC
PCA0 = 1, CARSEL = 1, CAREF = 2,
No load at P2.3/CA0/TA1 and
P2.4/CA1/TA2
2.2 V, 3 V
0.47
0.48
0.5
V(RefVT)
Reference voltage (see
Figure 5-6 and Figure 5-
7)
PCA0 = 1, CARSEL = 1, CAREF = 3,
No load at P2.3/CA0/TA1 and
P2.4/CA1/TA2, TA = 85°C
2.2 V
390
480
540
mV
3 V
400
490
550
V(offset)
Offset voltage(2)
2.2 V, 3 V
–30
30
mV
Vhys
Input hysteresis
CAON = 1
2.2 V, 3 V
0
0.7
1.4
mV
t(response LH)
Low-to-high response
time
TA = 25°C, Overdrive = 10 mV,
Without filter: CAF = 0
2.2 V
130
210
300
ns
3 V
80
150
240
TA = 25°C, Overdrive = 10 mV,
Without filter: CAF = 1
2.2 V
1.4
1.9
3.4
µs
3 V
0.9
1.5
2.6
t(response HL)
High-to-low response
time
TA = 25°C, Overdrive = 10 mV,
Without filter: CAF = 0
2.2 V
130
210
300
ns
3 V
80
150
240
TA = 25°C, Overdrive = 10 mV,
Without filter: CAF = 1
2.2 V
1.4
1.9
3.4
µs
3 V
0.9
1.5
2.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com