Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430F14X Datasheet(PDF) 25 Page - Texas Instruments

Part # MSP430F14X
Description  MSP430F14x, MSP430F14x1, MSP430F13x Mixed-Signal Microcontrollers
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F14X Datasheet(HTML) 25 Page - Texas Instruments

Back Button MSP430F14X Datasheet HTML 21Page - Texas Instruments MSP430F14X Datasheet HTML 22Page - Texas Instruments MSP430F14X Datasheet HTML 23Page - Texas Instruments MSP430F14X Datasheet HTML 24Page - Texas Instruments MSP430F14X Datasheet HTML 25Page - Texas Instruments MSP430F14X Datasheet HTML 26Page - Texas Instruments MSP430F14X Datasheet HTML 27Page - Texas Instruments MSP430F14X Datasheet HTML 28Page - Texas Instruments MSP430F14X Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 83 page
background image
2.2
3
f
DCO_0
Max
Min
Max
Min
f
DCO_7
DCO
0
1
2
3
4
5
6
7
Supply Voltage (V)
25
MSP430F149, MSP430F148, MSP430F147
MSP430F1491, MSP430F1481, MSP430F1471
MSP430F135, MSP430F133
www.ti.com
SLAS272H – JULY 2000 – REVISED MAY 2018
Submit Documentation Feedback
Product Folder Links: MSP430F149 MSP430F148 MSP430F147 MSP430F1491 MSP430F1481 MSP430F1471
MSP430F135 MSP430F133
Specifications
Copyright © 2000–2018, Texas Instruments Incorporated
DCO Characteristics (see Figure 5-12)
•
Individual devices have a minimum and maximum operation frequency. The specified parameters for
fDCO(x0) to fDCO(x7) are valid for all devices.
•
All ranges selected by Rsel(n) overlap with Rsel(n+1); for example, Rsel0 overlaps with Rsel1, and
Rsel6 overlaps with Rsel7.
•
DCO control bits DCO0, DCO1, and DCO2 have a step size as defined by parameter SDCO.
•
Modulation control bits MOD0 to MOD4 select how often fDCO+1 is used within the period of 32
DCOCLK cycles. The frequency f(DCO) is used for the remaining cycles. The frequency is an average
equal to f(DCO) × 2
MOD/32 .
Figure 5-12. DCO Characteristics
(1)
ROSC = 100 kΩ, metal film resistor, type 0257, 0.6 W, 1% tolerance, TK = ±50 ppm/°C
5.19 DCO When Using ROSC
over recommended operating supply voltage and free-air temperature (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
fDCO
DCO output frequency
Rsel = 4, DCO = 3, MOD = 0, DCOR = 1,
TA = 25°C
2.2 V
1.8 ±15%
MHz
3 V
1.95 ±15%
Dt
Temperature drift
Rsel = 4, DCO = 3, MOD = 0, DCOR = 1
2.2 V, 3 V
±0.1
%/°C
Dv
Drift with VCC variation
Rsel = 4, DCO = 3, MOD = 0, DCOR = 1
2.2 V, 3 V
10
%/°V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com