Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430F14X Datasheet(PDF) 61 Page - Texas Instruments

Part # MSP430F14X
Description  MSP430F14x, MSP430F14x1, MSP430F13x Mixed-Signal Microcontrollers
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F14X Datasheet(HTML) 61 Page - Texas Instruments

Back Button MSP430F14X Datasheet HTML 57Page - Texas Instruments MSP430F14X Datasheet HTML 58Page - Texas Instruments MSP430F14X Datasheet HTML 59Page - Texas Instruments MSP430F14X Datasheet HTML 60Page - Texas Instruments MSP430F14X Datasheet HTML 61Page - Texas Instruments MSP430F14X Datasheet HTML 62Page - Texas Instruments MSP430F14X Datasheet HTML 63Page - Texas Instruments MSP430F14X Datasheet HTML 64Page - Texas Instruments MSP430F14X Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 83 page
background image
61
MSP430F149, MSP430F148, MSP430F147
MSP430F1491, MSP430F1481, MSP430F1471
MSP430F135, MSP430F133
www.ti.com
SLAS272H – JULY 2000 – REVISED MAY 2018
Submit Documentation Feedback
Product Folder Links: MSP430F149 MSP430F148 MSP430F147 MSP430F1491 MSP430F1481 MSP430F1471
MSP430F135 MSP430F133
Device and Documentation Support
Copyright © 2000–2018, Texas Instruments Incorporated
7.3
Tools and Software
Table 7-1 lists the debug features supported by the MSP430F14x, MSP430F14x1, and MSP430F13x
microcontrollers. See the Code Composer Studio for MSP430 User's Guide for details on the available
features.
Table 7-1. Hardware Features
MSP430
ARCHITECTURE
4-WIRE
JTAG
2-WIRE
JTAG
BREAK-
POINTS
RANGE
BREAK-
POINTS
CLOCK
CONTROL
STATE
SEQUENCER
TRACE
BUFFER
LPMx.5
DEBUGGING
SUPPORT
MSP430
Yes
No
3
Yes
No
No
No
No
Design Kits and Evaluation Modules
64-pin Target Development Board and MSP-FET Programmer Bundle - MSP430F1x, MSP430F2x,
MSP430F4x MCUs The MSP-FET430U64 is a powerful flash emulation tool that includes
the hardware and software required to quickly begin application development on the
MSP430 MCU. It includes a ZIF socket target board (MSP-TS430PM64) and a USB
debugging interface (MSP-FET) used to program and debug the MSP430 in-system through
the JTAG interface. The flash memory can be erased and programmed in seconds with only
a few keystrokes, and because the MSP430 flash is ultra-low power, no external power
supply is required.
MSP-TS430PM64 - 64-pin Target Development Board for MSP430F1x, MSP430F2x and MSP430F4x
MCUs
The MSP-TS430PM64 is a standalone ZIF socket target board used to program and debug
the MSP430 MCU in-system through the JTAG interface.
Software
MSP430Ware™ Software MSP430Ware software is a collection of code examples, data sheets, and
other design resources for all MSP430 devices delivered in a convenient package. In
addition to providing a complete collection of existing MSP430 MCU design resources,
MSP430Ware software also includes a high-level API called MSP Driver Library. This library
makes it easy to program MSP430 hardware. MSP430Ware software is available as a
component of CCS or as a stand-alone package.
MSP430F13x, MSP430F14x, MSP430F15x, MSP430F16x Code Examples
C
Code
examples
are
available for every MSP device that configures each of the integrated peripherals for various
application needs.
Bootloader (BSL) for MSP low-power microcontrollers The bootloader (BSL) is an application built into
MSP low-power microcontrollers. It lets the user communicate with the device to read from
and write to its memory. This feature is primarily used for programming the device, during
prototyping, final production, and in service. Both the programmable memory (flash memory)
and the data memory (RAM) can be modified as required.
Fixed Point Math Library for MSP The MSP IQmath and Qmath Libraries are a collection of highly
optimized and high-precision mathematical functions for C programmers to seamlessly port a
floating-point algorithm into fixed-point code on MSP430 and MSP432 devices. These
routines are typically used in computationally intensive real-time applications where optimal
execution speed, high accuracy, and ultra-low energy are critical. By using the IQmath and
Qmath libraries, it is possible to achieve execution speeds considerably faster and energy
consumption considerably lower than equivalent code written using floating-point math.
Development Tools
Code Composer Studio™ Integrated Development Environment for MSP Microcontrollers
Code
Composer Studio (CCS) integrated development environment (IDE) supports all MSP
microcontroller devices. CCS comprises a suite of embedded software utilities used to
develop and debug embedded applications. CCS includes an optimizing C/C++ compiler,
source code editor, project build environment, debugger, profiler, and many other features.
Command-Line Programmer
MSP Flasher is an open-source shell-based interface for programming
MSP microcontrollers through a FET programmer or eZ430 using JTAG or Spy-Bi-Wire
(SBW) communication. MSP Flasher can download binary files (.txt or .hex) directly to the
MSP microcontroller without an IDE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com