Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430F14X Datasheet(PDF) 60 Page - Texas Instruments

Part # MSP430F14X
Description  MSP430F14x, MSP430F14x1, MSP430F13x Mixed-Signal Microcontrollers
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F14X Datasheet(HTML) 60 Page - Texas Instruments

Back Button MSP430F14X Datasheet HTML 56Page - Texas Instruments MSP430F14X Datasheet HTML 57Page - Texas Instruments MSP430F14X Datasheet HTML 58Page - Texas Instruments MSP430F14X Datasheet HTML 59Page - Texas Instruments MSP430F14X Datasheet HTML 60Page - Texas Instruments MSP430F14X Datasheet HTML 61Page - Texas Instruments MSP430F14X Datasheet HTML 62Page - Texas Instruments MSP430F14X Datasheet HTML 63Page - Texas Instruments MSP430F14X Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 83 page
background image
Processor Family
CC = Embedded RF Radio
MSP = Mixed-Signal Processor
XMS = Experimental Silicon
PMS = Prototype Device
MCU Platform
430 = MSP430 low-power microcontroller platform
Device Type
Memory Type
C = ROM
F = Flash
FR = FRAM
G = Flash or FRAM (Value Line)
L = No Nonvolatile Memory
Specialized Application
AFE = Analog Front End
BQ = Contactless Power
CG = ROM Medical
FE = Flash Energy Meter
FG = Flash Medical
FW = Flash Electronic Flow Meter
Series
1 = Up to 8 MHz
2 = Up to 16 MHz
3 = Legacy
4 = Up to 16 MHz with LCD
5 = Up to 25 MHz
6 = Up to 25 MHz with LCD
0 = Low-Voltage Series
Feature Set
Various levels of integration within a series
Optional: A = Revision
N/A
Optional: Temperature Range S = 0°C to 50 C
C to 70 C
I = 40 C to 85 C
T = –40 C to 105 C
°
C = 0°
°
–
°
°
°
°
Packaging
http://www.ti.com/packaging
Optional: Tape and Reel
T = Small reel
R = Large reel
No markings = Tube or tray
Optional: Additional Features
-EP = Enhanced Product ( 40°C to 105°C)
-HT = Extreme Temperature Parts ( 55°C to 150°C)
-Q1 = Automotive Q100 Qualified
–
–
MSP 430 F 5 438 A I ZQW T -EP
Processor Family
Series
Optional: Temperature Range
MCU Platform
Packaging
Device Type
Optional: A = Revision
Optional: Tape and Reel
Feature Set
Optional: Additional Features
60
MSP430F149, MSP430F148, MSP430F147
MSP430F1491, MSP430F1481, MSP430F1471
MSP430F135, MSP430F133
SLAS272H – JULY 2000 – REVISED MAY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430F149 MSP430F148 MSP430F147 MSP430F1491 MSP430F1481 MSP430F1471
MSP430F135 MSP430F133
Device and Documentation Support
Copyright © 2000–2018, Texas Instruments Incorporated
NOTE: This figure does not represent a complete list of the available features and options, and it does not indicate that all of
these features and options are available for a given device or family.
Figure 7-1. Device Nomenclature – Part Number Decoder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com