Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430F14X Datasheet(PDF) 19 Page - Texas Instruments

Part # MSP430F14X
Description  MSP430F14x, MSP430F14x1, MSP430F13x Mixed-Signal Microcontrollers
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F14X Datasheet(HTML) 19 Page - Texas Instruments

Back Button MSP430F14X Datasheet HTML 15Page - Texas Instruments MSP430F14X Datasheet HTML 16Page - Texas Instruments MSP430F14X Datasheet HTML 17Page - Texas Instruments MSP430F14X Datasheet HTML 18Page - Texas Instruments MSP430F14X Datasheet HTML 19Page - Texas Instruments MSP430F14X Datasheet HTML 20Page - Texas Instruments MSP430F14X Datasheet HTML 21Page - Texas Instruments MSP430F14X Datasheet HTML 22Page - Texas Instruments MSP430F14X Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 83 page
background image
19
MSP430F149, MSP430F148, MSP430F147
MSP430F1491, MSP430F1481, MSP430F1471
MSP430F135, MSP430F133
www.ti.com
SLAS272H – JULY 2000 – REVISED MAY 2018
Submit Documentation Feedback
Product Folder Links: MSP430F149 MSP430F148 MSP430F147 MSP430F1491 MSP430F1481 MSP430F1471
MSP430F135 MSP430F133
Specifications
Copyright © 2000–2018, Texas Instruments Incorporated
Inputs – Px.y, TAx, TBx (continued)
over recommended operating supply voltage and free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
UNIT
f(TAint),
f(TBint)
Timer_A or Timer_B clock frequency
SMCLK or ACLK signal selected
2.2 V
8
MHz
3 V
10
(1)
The leakage current is measured with VSS or VCC applied to the corresponding pin, unless otherwise noted.
(2)
The port pin must be set as input, and the optional pullup or pulldown resistor must be disabled.
5.9
Leakage Current
over recommended operating supply voltage and free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
UNIT
Ilkg(P1.x)
Leakage current(1)
Port P1
V(P1.x)
(2)
2.2 V, 3 V
±50
nA
Ilkg(P2.x)
Port P2
V(P2.3), V(P2.4)
(2)
±50
Ilkg(P6.x)
Port P6
V(P6.x)
(2)
±50
(1)
The maximum total current, I(OHmax) and I(OLmax), for all outputs combined, must not exceed ±6 mA to hold the maximum voltage drop
specified.
(2)
The maximum total current, I(OHmax) and I(OLmax), for all outputs combined, must not exceed ±24 mA to hold the maximum voltage drop
specified.
5.10 Outputs – Ports P1, P2, P3, P4, P5, and P6
over recommended operating supply voltage and free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
UNIT
VOH
High-level output voltage
I(OHmax) = –1 mA
(1)
2.2 V
VCC – 0.25
VCC
V
I(OHmax) = –6 mA
(2)
VCC – 0.60
VCC
I(OHmax) = 1 mA
(1)
3 V
VCC – 0.25
VCC
I(OHmax) = –6 mA
(2)
VCC – 0.60
VCC
VOL
Low-level output voltage
I(OLmax) = 1.5 mA
(1)
2.2 V
VSS VSS + 0.25
V
I(OLmax) = 6 mA
(2)
VSS
VSS + 0.6
I(OLmax) = 1.5 mA
(1)
3 V
VSS VSS + 0.25
I(OLmax) = 6 mA
(2)
VSS
VSS + 0.6
(1)
The limits of the system clock MCLK must be met; the MCLK frequency must not exceed the limits. MCLK and SMCLK frequencies can
be different.
5.11 Output Frequency
over recommended operating supply voltage and free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fTAx
Timer_A or Timer_B output
frequency
Internal clock source, SMCLK signal applied(1),
TA0 to TA2, TB0 to TB6, CL = 20 pF
DC
fSYSTEM
MHz
fACLK
Clock output frequency
Measured at P5.6/ACLK
CL = 20 pF
fSYSTEM
MHz
fMCLK
Measured at P5.4/MCLK
fSYSTEM
fSMCLK
Measured at P5.5/SMCLK
fSYSTEM
tXdc
Duty cycle of output
frequency
Measured at P2.0/ACLK,
CL = 20 pF,
VCC = 2.2 V or 3 V
fACLK = fLFXT1 = fXT1
40%
60%
fACLK = fLFXT1 = fLF
30%
70%
fACLK = fLFXT1/n
50%
Measured at P1 4/SMCLK,
CL = 20 pF,
VCC = 2.2 V or 3 V
fSMCLK = fLFXT1 = fXT1
40%
60%
fSMCLK = fLFXT1 = fLF
35%
65%
fSMCLK = fLFXT1/n
50% –
15 ns
50%
50% +
15 ns
fSMCLK = fDCOCLK
50% –
15 ns
50%
50% +
15 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com