Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430F14X Datasheet(PDF) 59 Page - Texas Instruments

Part # MSP430F14X
Description  MSP430F14x, MSP430F14x1, MSP430F13x Mixed-Signal Microcontrollers
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F14X Datasheet(HTML) 59 Page - Texas Instruments

Back Button MSP430F14X Datasheet HTML 55Page - Texas Instruments MSP430F14X Datasheet HTML 56Page - Texas Instruments MSP430F14X Datasheet HTML 57Page - Texas Instruments MSP430F14X Datasheet HTML 58Page - Texas Instruments MSP430F14X Datasheet HTML 59Page - Texas Instruments MSP430F14X Datasheet HTML 60Page - Texas Instruments MSP430F14X Datasheet HTML 61Page - Texas Instruments MSP430F14X Datasheet HTML 62Page - Texas Instruments MSP430F14X Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 83 page
background image
59
MSP430F149, MSP430F148, MSP430F147
MSP430F1491, MSP430F1481, MSP430F1471
MSP430F135, MSP430F133
www.ti.com
SLAS272H – JULY 2000 – REVISED MAY 2018
Submit Documentation Feedback
Product Folder Links: MSP430F149 MSP430F148 MSP430F147 MSP430F1491 MSP430F1481 MSP430F1471
MSP430F135 MSP430F133
Device and Documentation Support
Copyright © 2000–2018, Texas Instruments Incorporated
7
Device and Documentation Support
7.1
Getting Started and Next Steps
For more information on the MSP430 family of devices and the tools and libraries that are available to
help with your development, visit the Getting Started page.
7.2
Device Nomenclature
To designate the stages in the product development cycle, TI assigns prefixes to the part numbers of all
MSP MCU devices. Each MSP MCU commercial family member has one of two prefixes: MSP or XMS.
These prefixes represent evolutionary stages of product development from engineering prototypes (XMS)
through fully qualified production devices (MSP).
XMS – Experimental device that is not necessarily representative of the final device's electrical
specifications
MSP – Fully qualified production device
XMS devices are shipped against the following disclaimer:
"Developmental product is intended for internal evaluation purposes."
MSP devices have been characterized fully, and the quality and reliability of the device have been
demonstrated fully. TI's standard warranty applies.
Predictions show that prototype devices (XMS) have a greater failure rate than the standard production
devices. TI recommends that these devices not be used in any production system because their expected
end-use failure rate still is undefined. Only qualified production devices are to be used.
TI device nomenclature also includes a suffix with the device family name. This suffix indicates the
temperature range, package type, and distribution format. Figure 7-1 provides a legend for reading the
complete device name.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com