Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430F14X Datasheet(PDF) 75 Page - Texas Instruments

Part # MSP430F14X
Description  MSP430F14x, MSP430F14x1, MSP430F13x Mixed-Signal Microcontrollers
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F14X Datasheet(HTML) 75 Page - Texas Instruments

Back Button MSP430F14X Datasheet HTML 71Page - Texas Instruments MSP430F14X Datasheet HTML 72Page - Texas Instruments MSP430F14X Datasheet HTML 73Page - Texas Instruments MSP430F14X Datasheet HTML 74Page - Texas Instruments MSP430F14X Datasheet HTML 75Page - Texas Instruments MSP430F14X Datasheet HTML 76Page - Texas Instruments MSP430F14X Datasheet HTML 77Page - Texas Instruments MSP430F14X Datasheet HTML 78Page - Texas Instruments MSP430F14X Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 83 page
background image
www.ti.com
PACKAGE OUTLINE
C
64X
0.27
0.17
60X 0.5
PIN 1 ID
0.05 MIN
4X 7.5
0.08
TYP
12.2
11.8
(0.13) TYP
1.6 MAX
B
NOTE 3
10.2
9.8
A
NOTE 3
10.2
9.8
0.75
0.45
0.25
GAGE PLANE
-7
0
(1.4)
PLASTIC QUAD FLATPACK
LQFP - 1.6 mm max height
PM0064A
PLASTIC QUAD FLATPACK
4215162/A 03/2017
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. Reference JEDEC registration MS-026.
1
16
17
32
33
48
49
64
0.08
C A B
SEE DETAIL A
0.08
SEATING PLANE
DETAIL A
SCALE: 14
DETAIL A
TYPICAL
SCALE 1.400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com