Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430F14X Datasheet(PDF) 63 Page - Texas Instruments

Part # MSP430F14X
Description  MSP430F14x, MSP430F14x1, MSP430F13x Mixed-Signal Microcontrollers
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F14X Datasheet(HTML) 63 Page - Texas Instruments

Back Button MSP430F14X Datasheet HTML 59Page - Texas Instruments MSP430F14X Datasheet HTML 60Page - Texas Instruments MSP430F14X Datasheet HTML 61Page - Texas Instruments MSP430F14X Datasheet HTML 62Page - Texas Instruments MSP430F14X Datasheet HTML 63Page - Texas Instruments MSP430F14X Datasheet HTML 64Page - Texas Instruments MSP430F14X Datasheet HTML 65Page - Texas Instruments MSP430F14X Datasheet HTML 66Page - Texas Instruments MSP430F14X Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 83 page
background image
63
MSP430F149, MSP430F148, MSP430F147
MSP430F1491, MSP430F1481, MSP430F1471
MSP430F135, MSP430F133
www.ti.com
SLAS272H – JULY 2000 – REVISED MAY 2018
Submit Documentation Feedback
Product Folder Links: MSP430F149 MSP430F148 MSP430F147 MSP430F1491 MSP430F1481 MSP430F1471
MSP430F135 MSP430F133
Device and Documentation Support
Copyright © 2000–2018, Texas Instruments Incorporated
Application Reports
MSP430 32-kHz Crystal Oscillators Selection of the right crystal, correct load circuit, and proper board
layout are important for a stable crystal oscillator. This application report summarizes crystal
oscillator function and explains the parameters to select the correct crystal for MSP430 ultra-
low-power operation. In addition, hints and examples for correct board layout are given. The
document also contains detailed information on the possible oscillator tests to ensure stable
oscillator operation in mass production.
Software Coding Techniques for MSP430™ MCUs
This
application
report
describes
software
techniques and related topics of interest to programmers of MSP430 MCUs.
General Oversampling of MSP ADCs for Higher Resolution
Multiple
MSP430
ultra-low-power
microcontrollers offer ADCs to convert physical quantities into digital numbers, a function that
is widely used across numerous applications. There are times, however, when a customer
design demands a higher resolution than the ADC of the selected MSP can offer. This
application report describes how an oversampling method can be incorporated to increase
ADC resolution past the currently available number of bits.
MSP430 System-Level ESD Considerations System-Level ESD has become increasingly demanding
with silicon technology scaling towards lower voltages and the need for designing cost-
effective and ultra-low-power components. This application report addresses three different
ESD topics to help board designers and OEMs understand and design robust system-level
designs.
7.5
Related Links
Table 7-2 lists quick access links. Categories include technical documents, support and community
resources, tools and software, and quick access to order now.
Table 7-2. Related Links
PARTS
PRODUCT FOLDER
ORDER NOW
TECHNICAL
DOCUMENTS
TOOLS &
SOFTWARE
SUPPORT &
COMMUNITY
MSP430F149
Click here
Click here
Click here
Click here
Click here
MSP430F1491
Click here
Click here
Click here
Click here
Click here
MSP430F148
Click here
Click here
Click here
Click here
Click here
MSP430F1481
Click here
Click here
Click here
Click here
Click here
MSP430F147
Click here
Click here
Click here
Click here
Click here
MSP430F1471
Click here
Click here
Click here
Click here
Click here
MSP430F135
Click here
Click here
Click here
Click here
Click here
7.6
Community Resources
The following links connect to TI community resources. Linked contents are provided "AS IS" by the
respective contributors. They do not constitute TI specifications and do not necessarily reflect TI's views;
see TI's Terms of Use.
TI E2E™ Community
TI's Engineer-to-Engineer (E2E) Community. Created to foster collaboration among engineers. At
e2e.ti.com, you can ask questions, share knowledge, explore ideas, and help solve problems with fellow
engineers.
TI Embedded Processors Wiki
Texas Instruments Embedded Processors Wiki. Established to help developers get started with embedded
processors from Texas Instruments and to foster innovation and growth of general knowledge about the
hardware and software surrounding these devices.
7.7
Trademarks
MSP430, MSP430Ware, Code Composer Studio, E2E are trademarks of Texas Instruments.
All other trademarks are the property of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com