Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430F14X Datasheet(PDF) 20 Page - Texas Instruments

Part # MSP430F14X
Description  MSP430F14x, MSP430F14x1, MSP430F13x Mixed-Signal Microcontrollers
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F14X Datasheet(HTML) 20 Page - Texas Instruments

Back Button MSP430F14X Datasheet HTML 16Page - Texas Instruments MSP430F14X Datasheet HTML 17Page - Texas Instruments MSP430F14X Datasheet HTML 18Page - Texas Instruments MSP430F14X Datasheet HTML 19Page - Texas Instruments MSP430F14X Datasheet HTML 20Page - Texas Instruments MSP430F14X Datasheet HTML 21Page - Texas Instruments MSP430F14X Datasheet HTML 22Page - Texas Instruments MSP430F14X Datasheet HTML 23Page - Texas Instruments MSP430F14X Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 83 page
background image
−14
−12
−10
−8
−6
−4
−2
0
0.0
0.5
1.0
1.5
2.0
2.5
V
= 2.2 V
CC
P2.7
T = 85°C
A
T = 25°C
A
V , High-Level Output Voltage (V)
OH
−30
−25
−20
−15
−10
−5
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
V
= 3 V
CC
P2.7
T = 85°C
A
T = 25°C
A
V , High-Level Output Voltage (V)
OH
V , Low-Level Output Voltage (V)
OL
0
2
4
6
8
10
12
14
16
0.0
0.5
1.0
1.5
2.0
2.5
V
= 2.2 V
CC
P2.7
T = 25°C
A
T = 85°C
A
0
5
10
15
20
25
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
V
= 3 V
CC
P2.7
T = 25°C
A
T = 85°C
A
V , Low-Level Output Voltage (V)
OL
20
MSP430F149, MSP430F148, MSP430F147
MSP430F1491, MSP430F1481, MSP430F1471
MSP430F135, MSP430F133
SLAS272H – JULY 2000 – REVISED MAY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430F149 MSP430F148 MSP430F147 MSP430F1491 MSP430F1481 MSP430F1471
MSP430F135 MSP430F133
Specifications
Copyright © 2000–2018, Texas Instruments Incorporated
5.12 Typical Characteristics – Ports P1, P2, P3, P4, P5, and P6 Outputs
Figure 5-2. Typical Low-Level Output Current vs Low-Level
Output Voltage
Figure 5-3. Typical Low-Level Output Current vs Low-Level
Output Voltage
Figure 5-4. Typical High-Level Output Current vs High-Level
Output Voltage
Figure 5-5. Typical High-Level Output Current vs High-Level
Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com