Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430F14X Datasheet(PDF) 16 Page - Texas Instruments

Part # MSP430F14X
Description  MSP430F14x, MSP430F14x1, MSP430F13x Mixed-Signal Microcontrollers
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F14X Datasheet(HTML) 16 Page - Texas Instruments

Back Button MSP430F14X Datasheet HTML 12Page - Texas Instruments MSP430F14X Datasheet HTML 13Page - Texas Instruments MSP430F14X Datasheet HTML 14Page - Texas Instruments MSP430F14X Datasheet HTML 15Page - Texas Instruments MSP430F14X Datasheet HTML 16Page - Texas Instruments MSP430F14X Datasheet HTML 17Page - Texas Instruments MSP430F14X Datasheet HTML 18Page - Texas Instruments MSP430F14X Datasheet HTML 19Page - Texas Instruments MSP430F14X Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 83 page
background image
16
MSP430F149, MSP430F148, MSP430F147
MSP430F1491, MSP430F1481, MSP430F1471
MSP430F135, MSP430F133
SLAS272H – JULY 2000 – REVISED MAY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430F149 MSP430F148 MSP430F147 MSP430F1491 MSP430F1481 MSP430F1471
MSP430F135 MSP430F133
Specifications
Copyright © 2000–2018, Texas Instruments Incorporated
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to VSS, unless otherwise noted. The JTAG fuse-blow voltage, VFB, is allowed to exceed the absolute
maximum rating. The voltage is applied to the TDI/TCLK pin when blowing the JTAG fuse.
5
Specifications
5.1
Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Voltage applied at VCC to VSS
−0.3
4.1
V
Voltage applied to any pin (2)
−0.3
VCC + 0.3
V
Diode current at any device terminal
±2
mA
Storage temperature
Programmed device
−40
85
°C
Unprogrammed device
–55
150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Pins listed as ±1000
V may actually have higher performance.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Pins listed as ±250 V
may actually have higher performance.
5.2
ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
ratings
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±250
(1)
In LF mode, the LFXT1 oscillator requires a watch crystal. TI recommends a 5.1-MΩ resistor from XOUT to VSS when VCC < 2.5 V.
In XT1 mode, the LFXT1 and XT2 oscillators accept a ceramic resonator or crystal up to 4.15 MHz at VCC ≥ 2.2 V.
In XT1 mode, the LFXT1 and XT2 oscillators accept a ceramic resonator or crystal up to 8 MHz at VCC ≥ 2.8 V.
5.3
Recommended Operating Conditions
Typical values are specified at VCC = 3.3 V and TA = 25°C (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage (AVCC = DVCC = VCC)
During program execution
1.8
3.6
V
During flash memory programming
2.7
3.6
VSS
Supply voltage (AVSS = DVSS = VSS)
0
0
V
TA
Operating free-air temperature
–40
85
°C
fLFXT1
LFXT1 crystal frequency(1)
LF selected, XTS = 0, watch crystal
32768
Hz
XT1 selected, XTS = 1, ceramic resonator
450
8000
kHz
XT1 selected, XTS = 1, crystal
1000
8000
fXT2
XT2 crystal frequency(1)
Ceramic resonator
450
8000
kHz
Crystal
1000
8000
fSYSTEM
Processor frequency (signal MCLK)
VCC = 1.8 V
DC
4.15
MHz
VCC = 3.6 V
DC
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com