Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 10 Page - SMSC Corporation

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1째C Accurate Temperature Monitoring
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2101-R-ACZL-TR Datasheet(HTML) 10 Page - SMSC Corporation

Back Button EMC2101-R-ACZL-TR Datasheet HTML 6Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 7Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 8Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 9Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 10Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 11Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 12Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 13Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
SMBus Fan Control with 1°C Accurate Temperature Monitoring
Datasheet
Revision 2.53 (03-13-07)
10
SMSC EMC2101
DATASHEET
Supply Current
IDD
300
uA
1 conversion / 16 seconds - DAC
Driver, no load
Supply Current
IDD
300
TBD
uA
Temp monitoring Disabled, DAC
Driver enabled, no load
Standby Current
ISTANDBY
180
μA
PWM disabled, Monitoring
disabled
Internal Temperature Monitor
Temperature Accuracy
±1
±2
°C
Temperature
Resolution
±1
°C
8 bit resolution
Conversion Time
Internal Channel
tCONV
3ms
External Temperature Monitor
Temperature Accuracy
±0.5
±1
°C
60°C < TDIODE < 100°C,
10°C < TA < 70°C
±1
±3
°C
0°C < TDIODE < 125°C
Temperature
Resolution
0.125
°C
11 bit resolution
Conversion Time
External Channel
tCONV
21
ms
Diode Decoupling
Capacitor
CFILTER
2.2
nF
Connected across External Diode
(2N3904)
Diode Decoupling
Capacitor
CFILTER
470
pF
Connected across Substrate
Transistor (CPU diode)
Resistance Error
Correction
RSERIES
100
Ω
Series resistance in DP and DN
lines
TACH Measurement
TACH Accuracy
10
%
TACH valid
Fan Counter Clock
Frequency
90
kHz
Pulse Width Modulator Fan Driver
PWM Resolution
64
steps
PWM Frequency
fPWM
22
5k
Hz
For 64 steps, higher frequencies
are possible with reduced
resolution. See Section 6.34.
PWM Duty cycle
DPWM
0
100
%
DAC Fan Driver
Output Voltage Drive
VDAC
0.2
VDD - 0.2
V
Current Load = ±1mA
Table 3.2 Electrical Specifications (continued)
VDD = 3.0V to 3.6V, TA = 0
oC - 85oC, Typical values are at T
A = 27°C unless otherwise noted
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com