Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 34 Page - SMSC Corporation

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1째C Accurate Temperature Monitoring
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2101-R-ACZL-TR Datasheet(HTML) 34 Page - SMSC Corporation

Back Button EMC2101-R-ACZL-TR Datasheet HTML 30Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 31Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 32Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 33Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 34Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 35Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 36Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 37Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 38Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 55 page
background image
SMBus Fan Control with 1°C Accurate Temperature Monitoring
Datasheet
Revision 2.53 (03-13-07)
34
SMSC EMC2101
DATASHEET
‘1’ - The ALERT / TACH pin will function as a high impedance TACH input. This may require an
external pull-up resistor to set the proper signaling levels.
Bit 1 - TCRITOVRD - Allows the TCRIT limit to be overridden.
'0' (default) - TCRIT limit is set to default value and locked.
'1' - The TCRIT limit is unlocked for modification. The TCRIT limit can only be changed once. To
adjust TCRIT again, a power cycle is required.
Bit 0 - QUEUE - Sets the number of external diode over-temp measurements required to assert ALERT
/ TACH pin.
'0' (default) - ALERT / TACH pin is asserted (and status bit set) after one external temperature
measurement exceeds the high limit or the TCRIT limit or drops below the low limit.
'1' - ALERT / TACH pin is asserted (and status bit set) after three consecutive external temperature
measurements exceed the high limit or the TCRIT limit or drop below the low limit.
6.6
Conversion Rate Register
Bits 3- 0 - CONV[3:0] - The Conversion Rate Register controls the conversion rate per Table 6.6.
Table 6.5 Conversion Rate Register
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
04h and
0Ah
R/W
Conversion
Rate
-
-
-
-
CONV3
CONV2
CONV1
CONV0
08h
Table 6.6 Conversion Rates
CONV[3:0]
CONVERSIONS PER SECOND
32
1
0
0
0
0
0
1/16
00
0
1
1/8
00
1
0
1/4
00
1
1
1/2
01
0
0
1
01
0
1
2
01
1
0
4
01
1
1
8
1
0
0
0
16 (default)
10
0
1
32
all others
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com