Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 48 Page - SMSC Corporation

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1째C Accurate Temperature Monitoring
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2101-R-ACZL-TR Datasheet(HTML) 48 Page - SMSC Corporation

Back Button EMC2101-R-ACZL-TR Datasheet HTML 44Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 45Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 46Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 47Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 48Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 49Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 50Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 51Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 52Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 55 page
background image
SMBus Fan Control with 1°C Accurate Temperature Monitoring
Datasheet
Revision 2.53 (03-13-07)
48
SMSC EMC2101
DATASHEET
Appendix A Advanced PWM Options
The PWM Frequency Register determines the number of clocks (set by the CLK_SEL bit or the
PWM_D register settings) represent 1/2 of the period of the final PWM output waveform. Therefore,
as the PWM Frequency Register is updated, the PWM frequency is likewise updated. However, it also
directly affects the PWM Resolution and PWM duty cycle.
The PWM frequency is set according to Equation [8] or Equation [9] or, if the PWM Divide Register is
used, Equation [5].
The PWM Frequency Register does not affect the Fan Setting (either the Fan Setting Register or the
Fan Setting entries in the Fan Control Look-up Table Registers).
The Fan Setting Register determines the number of clocks that the PWM output is high for is always
based on 64 time steps for a PWM cycle. As the PWM Frequency Register changes (or the Fan Setting
changes) the effective duty cycle will vary according to Equation [6] and the PWM resolution will vary
according to Equation [7]. This is a result of the “on” time determined by Fan Setting changing with
respect to the overall PWM period determined by the PWM Frequency Register.
APPLICATION NOTE: If the Fan Setting is set at a value that is higher than 2x the PWM Frequency Register
settings, the PWM output will be at 100% duty cycle.
Table 6.34 shows the effective resolution, duty cycle, and frequency as the PWM Frequency Register
setting is changed.
Where: PWM_F is the setting of the PWM
Frequency Register (4Dh)
[6]
Where: PWM_F is the setting of the PWM
Frequency Register (4Dh)
[7]
Where: PWM_F is the setting of the
PWM Frequency register (4Dh)
PWM_D is the setting of the PWM
Frequency Divide Register (4Eh)
[8]
CLK_SEL = ‘0’
CLK_SEL = ‘1’
[9]
EFFECTIVE_DUTY_CYCLE
FAN_SETTING
PWM_F
2
×
--------------------------------------------
⎝⎠
⎛⎞
100%
×
=
EFFECTIVE_RESOLUTION
100%
PWM_F
2
×
--------------------------------
=
PWM_FREQUENCY
360k
2xPWM_F
-----------------------------
=
PWM_FREQUENCY
1.4k
2xPWM_F
-----------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com