Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 37 Page - SMSC Corporation

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1째C Accurate Temperature Monitoring
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2101-R-ACZL-TR Datasheet(HTML) 37 Page - SMSC Corporation

Back Button EMC2101-R-ACZL-TR Datasheet HTML 33Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 34Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 35Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 36Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 37Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 38Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 39Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 40Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 41Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 55 page
background image
SMBus Fan Control with 1°C Accurate Temperature Monitoring
Datasheet
SMSC EMC2101
37
Revision 2.53 (03-13-07)
DATASHEET
Bit 6 - INT_MSK - Disables interrupts for the Internal Diode.
‘0’ (default) - The Internal Diode will generate an interrupt if its measured temperature exceeds the
Internal Diode high limit.
‘1’ - the Internal Diode will not generate interrupts.
Bit 4 - HIGH_MSK - Disables interrupts for the External Diode high limit.
‘0’ (default) - The External Diode will generate an interrupt if its measured temperature exceeds
the External Diode high limit.
‘1’ - the External Diode will not generate an interrupt when the high limit is exceeded.
Bit 3 - LOW_MSK - Disables interrupts for the External Diode low limit.
‘0’ (default) - The External Diode will generate an interrupt if its measured temperature drops below
the External Diode low limit.
‘1’ - the External Diode will not generate an interrupt when the temperature drops below the low
limit.
Bit 1 - TCRIT_MSK - Disables interrupts for the TCRIT Limit.
‘0’ (default) - An interrupt will be generated if the External Diode Temperature exceeds TCRIT.
‘1’ - An interrupt will not be generated if TCRIT is exceeded.
Bit 0 - TACH_MSK - Disables interrupts for the TACH Limit.
‘0’ (default) - An interrupted will be generated if the measured TACH value exceeds the TACH Limit
(indicating that the fan speed is too slow).
‘1’ - An interrupt will not be generated if the TACH limit is exceeded.
6.12
External Ideality Factor Register
This register stores the ideality factor that is automatically applied to the external diode. The Ideality
factor is a 6 bit value that allows for a bi-directional trim centered on an ideality factor of 1.008.
Table 6.13 defines each setting and the corresponding Ideality factor.
Table 6.12 External Ideality Factor Register
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
17h
R/W
External
Ideality Factor
-
-
IDCF[5:0]
12h
Table 6.13 Ideality Factor Look-Up Table
SETTING
FACTOR
SETTING
FACTOR
SETTING
FACTOR
08h
0.9949
18h
1.0159
28h
1.0371
09h
0.9962
19h
1.0172
29h
1.0384
0Ah
0.9975
1Ah
1.0185
2Ah
1.0397
0Bh
0.9988
1Bh
1.0200
2Bh
1.0410
0Ch
1.0001
1Ch
1.0212
2Ch
1.0423
0Dh
1.0014
1Dh
1.0226
2Dh
1.0436
0Eh
1.0027
1Eh
1.0239
2Eh
1.0449



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com