Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 54 Page - SMSC Corporation

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1째C Accurate Temperature Monitoring
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2101-R-ACZL-TR Datasheet(HTML) 54 Page - SMSC Corporation

Back Button EMC2101-R-ACZL-TR Datasheet HTML 47Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 48Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 49Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 50Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 51Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 52Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 53Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 54Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 55Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 54 / 55 page
background image
Chapter 7 Package Diagrams
Figure 9.1 8 PIN MSOP / TSSOP Package
-
SEE SPEC FRONT PAGE FOR REVISION HISTORY
--
c
SEE DETAIL "A"
e
D
E1
E
PIN 1 IDENTIFIER
AREA (D/2 X E1/2)
8X b
L
L1
0.25
0° - 8°
DIM AND TOL PER ASME Y14.5M - 1994
FINISH
MATERIAL
DECIMAL
X.X
X.XX
X.XXX
80 ARKAY DRIVE
HAUPPAUGE, NY 11788
USA
ANGULAR
PRINT WITH "SCALE TO FIT"
DO NOT SCALE DRAWING
CHECKED
APPROVED
NAME
DRAWN
DWG NUMBER
SCALE
TITLE
DATE
STD COMPLIANCE
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN MILLIMETERS
AND TOLERANCES ARE:
THIRD ANGLE PROJECTION
REV
SHEET
REVISION
DESCRIPTION
REVISION HISTORY
RELEASED BY
DATE
PACKAGE OUTLINE
8 PIN TSSOP, 3x3 MM BODY, 0.65 MM PITCH
±1°
-
-
±0.1
±0.05
±0.025
S.K.ILIEV
S.K.ILIEV
S.K.ILIEV
7/07/04
7/05/04
1:1
7/05/04
MO-8-TSSOP-3x3
JEDEC: MO-187 / D
1 OF 1
D
C
SEATING PLANE
A
A2
A1
SEATING PLANE
SIDE VIEW
ccc C
GAUGE PLANE
H
3-D VIEW
TOP VIEW
C
3
2
END VIEW
4
3
5
DETAIL "A"
SCALE: 3/1
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETER.
2. TOLERANCE ON THE TRUE POSITION OF THE LEADS IS ± 0.065mm MAXIMUM.
3. PACKAGE BODY DIMENSIONS "D" AND "E1" DO NOT INCLUDE MOLD PROTRUSIONS OR FLASH.
MAXIMUM MOLD PROTRUSIONS OR FLASH IS 0.15 mm (0.006 INCHES) PER END AND SIDE.
DIMENSIONS "D" AND "E1" ARE DETERMINED AT DATUM PLANE "H".
4. DIMENSION FOR FOOT LENGTH "L" IS MEASURED AT THE GAUGE PLANE 0.25mm ABOVE THE
SEATING PLANE.
5. DETAILS OF PIN 1 IDENTIFIER ARE OPTIONAL, BUT MUST BE LOCATED WITHIN THE ZONE
INDICATED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com