Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 18 Page - SMSC Corporation

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1째C Accurate Temperature Monitoring
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2101-R-ACZL-TR Datasheet(HTML) 18 Page - SMSC Corporation

Back Button EMC2101-R-ACZL-TR Datasheet HTML 14Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 15Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 16Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 17Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 18Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 19Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 20Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 21Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 22Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 55 page
background image
SMBus Fan Control with 1°C Accurate Temperature Monitoring
Datasheet
Revision 2.53 (03-13-07)
18
SMSC EMC2101
DATASHEET
Chapter 5 General Description
The EMC2101 is an environmental monitoring device with a selectable PWM or DAC fan driver output,
one external temperature monitoring channel and one internal temperature monitor. It contains
advanced circuitry to remove errors induced by series resistance and CPU thermal diode process
differences to provide accurate temperature measurements and accurate fan control.
Thermal management is performed automatically. The EMC2101 reads the temperature from both the
external and internal temperature diodes and uses the external temperature data to control the fan
speed.
The FAN output can be configured as a PWM (default) or DAC output. The PWM fan driver uses an
eight entry look up table to create a programmable temperature response. The DAC output provides
a linear drive for the system fan circuit using this same look up table.
Each temperature measurement channel is continuously compared against programmed high limits.
The external diode channel is compared against a programmed low limit. ALERT / TACH interrupt pin
is asserted if the measured value exceeds the high limit or drops below the low limit. In addition, the
external diode contains a programmable critical temperature, TCRIT. If the measured temperature
exceeds this TCRIT an interrupt is asserted on the ALERT / TACH pin and the fan is set to full on.
Finally, the EMC2101-R (only) has two configuration modes and two default fan settings based on the
value of the pull-up-resistor on the ALERT / TACH pin. In the Manual Configuration Mode, the device
acts as an SMBus client and waits to be configured by the system SMBus host. In the Automatic
Configuration mode, the device automatically queries the SMBus for an EEPROM device and uploads
configuration information from the EEPROM into its internal registers.
Figure 5.1 shows a system level block diagram of the EMC2101. Figure 5.2 shows a system level block
diagram of the EMC2101-R.
Figure 5.1 System Diagram for EMC2101
HOST
SMBus
Interface
DP
DN
SMDATA
Thermal
diode
EMC2101
SMCLK
FAN
ALERT
Fan Drive
Circuitry
Internal
Diode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com