Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 17 Page - SMSC Corporation

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1째C Accurate Temperature Monitoring
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2101-R-ACZL-TR Datasheet(HTML) 17 Page - SMSC Corporation

Back Button EMC2101-R-ACZL-TR Datasheet HTML 13Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 14Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 15Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 16Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 17Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 18Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 19Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 20Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 21Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 55 page
background image
SMBus Fan Control with 1°C Accurate Temperature Monitoring
Datasheet
SMSC EMC2101
17
Revision 2.53 (03-13-07)
DATASHEET
Note: The shaded columns represent data sent from the EMC2101 to the EEPROM device.
APPLICATION NOTE: It is recommended that the EEPROM that is used be an AT24C02B or equivalent device.
The EEPROM slave address must be 101_0000b. The device must support a block-read
command, 8-bit addressing, and 8-bit data formatting using a 2-wire bus. The device must
support 3.3V digital switching logic and may not pull the SMCLK and SMDATA pins above
5V. Data must be transmitted MSB first.
APPLICATION NOTE: No other SMBus Master should exist on the SMDATA and SMCLK lines. The presence of
another SMBus Master will cause errors in reading from the EEPROM.
The EEPROM should be loaded to mirror the register set of the EMC2101 with the desired
configuration set. All undefined registers in the EMC2101 register set should be loaded with 00h in the
EEPROM. Likewise, all registers that are read-only in the EMC2101 register set should be loaded with
00h in the EEPROM.
Because of the interaction between the Fan Control Look-up Table and the Fan Configuration Register,
the EEPROM Loader stores the contents of the Fan Configuration Register and updates this register
at the end of the EEPROM loading cycle. (See Section 6.16 and Section 6.22).
Table 4.7 Block Read Byte Protocol
START
SLAVE
ADDRESS
WR
ACK
Register
Address
ACK
START
SLAVE
ADDRESS
RD
ACK
Register
Data
. . .
1
7
1
1
8
1
1
7
1
1
8
. . .
ACK
Register
Data (00h)
ACK
Register
Data (01h)
ACK
Register
Data (02h)
. . .
ACK
Register
Data (FFh)
NACK
STOP
1
8
1
8
1
8
. . .
1
8
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com