Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 31 Page - SMSC Corporation

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1째C Accurate Temperature Monitoring
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2101-R-ACZL-TR Datasheet(HTML) 31 Page - SMSC Corporation

Back Button EMC2101-R-ACZL-TR Datasheet HTML 27Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 28Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 29Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 30Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 31Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 32Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 33Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 34Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 35Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 55 page
background image
SMBus Fan Control with 1°C Accurate Temperature Monitoring
Datasheet
SMSC EMC2101
31
Revision 2.53 (03-13-07)
DATASHEET
Note 6.1
The Look Up Table Registers are made Read Only if the PWM Program bit (bit 5) in PWM
Configuration Register (4Ah) is set.
6.1
Data Read Interlock
When the External Diode High Byte Register is read, the External Diode Low byte is copied into an
internal ‘shadow’ register. The user is free to read the low byte at any time and be guaranteed that it
will correspond to the previously read high byte. Regardless if the low byte is read or not, reading from
an External Diode High Byte Register will automatically refresh this stored low byte data.
When the TACH Reading Low Byte Register is read, the TACH Reading high byte is copied into an
internal ‘shadow’ register. The user is free to read the high byte at any time and be guaranteed that it
will correspond to the previously read low byte. Regardless if the high byte is read or not, reading from
the TACH Reading Low Byte Register will automatically refresh this stored high byte data.
6.2
Register Descriptions
The registers are described in detail below. A bit entry of a ‘-’ indicates that the bit is not used and will
always read 0.
56h
R/W (See
Note 6.1)
Lookup Table Temp Setting 4
Look Up Table
Temperature Setting 4
7Fh
Page 45
57h
R/W (See
Note 6.1)
Lookup Table Fan Setting 4
Associated Fan Setting for
Temp Setting 4
3Fh
Page 45
58h
R/W (See
Note 6.1)
Lookup Table Temp Setting 5
Look Up Table
Temperature Setting 5
7Fh
Page 45
59h
R/W (See
Note 6.1)
Lookup Table Fan Setting 5
Associated Fan Setting for
Temp Setting 5
3Fh
Page 45
5Ah
R/W (See
Note 6.1)
Lookup Table Temp Setting 6
Look Up Table
Temperature Setting 6
7Fh
Page 45
5Bh
R/W (See
Note 6.1)
Lookup Table Fan Setting 6
Associated Fan Setting for
Temp Setting 6
3Fh
Page 45
5Ch
R/W (See
Note 6.1)
Lookup Table Temp Setting 7
Look Up Table
Temperature Setting 7
7Fh
Page 45
5Dh
R/W (See
Note 6.1)
Lookup Table Fan Setting 7
Associated Fan Setting for
Temp Setting 7
3Fh
Page 45
5Eh
R/W (See
Note 6.1)
Lookup Table Temp Setting 8
Look Up Table
Temperature Setting 8
7Fh
Page 45
5Fh
R/W (See
Note 6.1)
Lookup Table Fan Setting 8
Associated Fan Setting for
Temp Setting 8
3Fh
Page 45
BFh
R/W
Averaging Filter
Selects averaging function
for external diode
00h
Page 46
FDh
R
Product ID
ID
16h or 28h
Page 47
FEh
R
Manufacturer ID
SMSC
5Dh
Page 47
FFh
R
Revision Register
REV
01h
Page 47
Table 6.1 Register Set in Hexadecimal Order (continued)
REGISTER
ADDRESS
R/W
REGISTER NAME
FUNCTION
DEFAULT
VALUE
PAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com