Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 38 Page - SMSC Corporation

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1째C Accurate Temperature Monitoring
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2101-R-ACZL-TR Datasheet(HTML) 38 Page - SMSC Corporation

Back Button EMC2101-R-ACZL-TR Datasheet HTML 34Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 35Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 36Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 37Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 38Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 39Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 40Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 41Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 42Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 55 page
background image
SMBus Fan Control with 1°C Accurate Temperature Monitoring
Datasheet
Revision 2.53 (03-13-07)
38
SMSC EMC2101
DATASHEET
6.13
Beta Compensation Register
This register is used to set the Beta Compensation factor that is used for the External Diode channel.
When using a diode-connected transistor (such as the 2N3904) or CPUs that implement the thermal
diode as a two-terminal diode, the CPU compensation circuit must be disabled by writing a value of
07h to this register.
Bit 3 - ENABLE - enables the Beta Compensation Factor Autodetection Algorithm
‘0’ - the Beta Compensation Factor Autodetection circuitry is disabled. The External Diode will
always use the Beta Compensation factor set by the BETA[2:0] bits.
‘1’ (default) - the Beta Compensation Factor Autodetection circuitry is enabled. At the beginning of
every conversion, the circuitry will determine the optimal Beta Compensation factor setting and use
the detected setting. The value of the BETA[2:0] bits will be ignored.
Bit 2-0 - BETA[2:0] - selects the Beta Compensation factor that the External Diode will use if the
autodetection circuitry is disabled. Table 6.15 shows the setting that should be used based on the
expected beta value of the substrate transistor connected to the External Diode channel.
Care should be taken when setting the BETA[2:0] bits. If the Beta Compensation factor is set at a beta
value that is higher than the transistor beta, then the circuit may introduce measurement errors.
0Fh
1.0040
1Fh
1.0253
2Fh
1.0462
10h
1.0053
20h
1.0267
30h
1.0475
11h
1.0066
21h
1.0280
31h
1.0488
12h
1.0080
22h
1.0293
32h
1.0501
13h
1.0093
23h
1.0306
33h
1.0514
14h
1.0106
24h
1.0319
34h
1.0527
15h
1.0119
25h
1.0332
35h
1.0540
16h
1.0133
26h
1.0345
36h
1.0553
17h
1.0146
27h
1.0358
37h
1.0566
Table 6.14 Beta Compensation Register
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
18h
R/W
Beta Compensation
-
-
-
-
ENABLE
BETA[2:0]
08h
Table 6.15 CPU Beta Values
ENABLE
B2
B1
B0
MINIMUM BETA
00
00
0.11
00
01
0.18
00
10
0.25
Table 6.13 Ideality Factor Look-Up Table (continued)
SETTING
FACTOR
SETTING
FACTOR
SETTING
FACTOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com