Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 41 Page - SMSC Corporation

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1째C Accurate Temperature Monitoring
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2101-R-ACZL-TR Datasheet(HTML) 41 Page - SMSC Corporation

Back Button EMC2101-R-ACZL-TR Datasheet HTML 37Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 38Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 39Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 40Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 41Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 42Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 43Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 44Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 45Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 55 page
background image
SMBus Fan Control with 1°C Accurate Temperature Monitoring
Datasheet
SMSC EMC2101
41
Revision 2.53 (03-13-07)
DATASHEET
Note 6.2
When the PWM base clock is set at 360kHz mode 00b is used regardless of the setting
of the TACH_M[1:0] bits.
6.17
Fan Spin Up Configuration Register
The Fan Spin Up Configuration register controls the spin-up behavior of the device. The Fan driver
enters its spin-up routine any time it transitions from a minimum fan setting (00h) to a higher fan setting
(but does not invoke the spin-up routine upon power up). Once the spin-up time has been met, the
fan driver is reduced to the programmed setting.
Bit 5 - FAST_TACH - Determines whether the Spin-Up routine aborts when the measured TACH is less
than the TACH Limit.
‘0’ - The Spin-Up routine uses the duty cycle and spin-up time independently of the TACH reading.
‘1’ (default) - The Spin-Up routine will abort when the TACH measurement is less than the TACH
Limit or the programmed Spin-Up time is met, whichever is less. In this case, the SPIN_DRIVE[1:0]
bits are ignored and the drive will always be at 100%.
APPLICATION NOTE: This bit will be ignored if the ALT_TCH bit in the Configuration Register (see Section 6.5) is
set to ‘0’.
APPLICATION NOTE: If the SPIN_TIME[2:0] bits are set at 000b, then the Spin-Up Routine is bypassed regardless
of the status of this bit.
Bit 4 - 3 SPIN_DRIVE[1:0] - Determines the setting of the drive circuit during the Spin-Up routine
according to Table 6.21.
Table 6.19 TACH Modes
TACH_M[1]
TACH_M[0]
TACH MODE
00
False readings when under minimum
detectable RPM (TACH Limit).
(Default condition - See Note 6.2)
0
1
FFFFh reading when under minimum
detectable RPM.
10
11
Table 6.20 Fan Spin Up Configuration Register
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
4Bh
R/W
Fan Spin Up
Config
--
FAST_
TACH
SPIN_DRIVE[1:0]
SPIN_TIME[2:0]
3Fh
Table 6.21 Spin-Up Drive
SPIN_DRIVE[1:0]
SPIN UP DRIVE
10
0
0
0 - Spin-Up Cycle bypassed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com