Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 16 Page - SMSC Corporation

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1째C Accurate Temperature Monitoring
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2101-R-ACZL-TR Datasheet(HTML) 16 Page - SMSC Corporation

Back Button EMC2101-R-ACZL-TR Datasheet HTML 12Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 13Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 14Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 15Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 16Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 17Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 18Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 19Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 20Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 55 page
background image
SMBus Fan Control with 1°C Accurate Temperature Monitoring
Datasheet
Revision 2.53 (03-13-07)
16
SMSC EMC2101
DATASHEET
The EMC2101 will respond to the ARA in the following way when the ALERT / TACH pin is configured
as an Interrupt:
1. Send Slave Address and verify that full slave address was sent (i.e. the SMBus communication
from the device was not prematurely stopped due to a bus contention event).
2. Set the MASK bit to clear the ALERT / TACH pin only if there are no bits set in the Status Register.
If there are error condition bits set in the Status Register, it must be read before the MASK bit will
be set.
When the ALERT / TACH pin is configured to operate in Comparator Mode, or as a TACH input, (see
Section 5.4.1), it will not respond to the ARA command. Additionally, the EMC2101 will not respond to
the ARA command if the ALERT / TACH pin is not asserted.
4.7
SMBus Address
The EMC2101 is addressed on the SMBus as 100_1100b.
Attempting to communicate with the EMC2101 SMBus interface with an invalid slave address or invalid
protocol will result in no response from the device and will not affect its register contents.
4.8
SMBus Time-out
The EMC2101 includes an SMBus time-out feature. Following a 25ms period of inactivity on the
SMBus, the device will time-out and reset the SMBus interface.
4.9
Programming from EEPROM
The BondA acts as a simple SMBus Master to read data from a connected EEPROM using the
following procedure:
1. After power-up the BondA waits for 10ms with the SMDATA and SMCLK pins tri-stated.
2. Once the wait period has elapsed, the BondA sends a START signal followed by the 7 bit client
address 101_0000b followed by a ‘1b’ and waits for an ACK signal from the EEPROM.
3. When the EEPROM sends the ACK signal, the BondA will send a second start signal and continue
sending the Block Read Command (see Table 4.7) to the same slave address. It reads 256 data
bytes from the EEPROM sending an ACK between each data byte. When 256 data bytes have
been received, it sends a NACK signal followed by a STOP bit.
4. Resets the device as an SMBus Client.
If the BondA does not receive an acknowledge bit from the EEPROM then the following will occur:
1. The ALERT / TACH pin will be asserted and will remain asserted until a Host device initiates
communication with the EMC2101 and reads the Status Register at offset 0x02. The ALERT /
TACH pin will be de-asserted after a single Status Register read, i.e. it is not sticky.
2. The BondA will reset its SMBus protocol as a slave interface and start operating from the default
conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com