Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2101-R-ACZL-TR Datasheet(PDF) 11 Page - SMSC Corporation

Part # EMC2101-R-ACZL-TR
Description  SMBus Fan Control with 1째C Accurate Temperature Monitoring
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2101-R-ACZL-TR Datasheet(HTML) 11 Page - SMSC Corporation

Back Button EMC2101-R-ACZL-TR Datasheet HTML 7Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 8Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 9Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 10Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 11Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 12Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 13Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 14Page - SMSC Corporation EMC2101-R-ACZL-TR Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
SMBus Fan Control with 1°C Accurate Temperature Monitoring
Datasheet
SMSC EMC2101
11
Revision 2.53 (03-13-07)
DATASHEET
3.3
SMBus Client Electrical Specifications
Total Unadjusted Error
TUE
5
%
Measured at 3/4 full scale
DAC Resolution
6
bits
Settling Time to within
1%
tSETTLE
40
us
Capacitive Load = 100pF
Digital I/O pins (PWM, SMDATA, SMCLK, ALERT / TACH)
Output High Voltage
VOH
VDD -
0.3
V
8mA Current Source
Output Low Voltage
VOL
0.3
V
8mA Current Sink
Output Leakage
Current
ILEAK
10
uA
Table 3.3 SMBus Electrical Specifications
VDD = 3.0V to 3.6V, TA = 0
oC - 85oC, Typical values are at T
A = 27°C unless otherwise noted
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
SMBus Interface
Input High Voltage
VIH
2.1
V
Input Low Voltage
VIL
0.8
V
Input High/Low Current
IIH / IIL
-1
1
uA
Hysteresis
500
mV
Input Capacitance
CIN
5pF
Output Low Sink Current
8
mA
VOL = 0.4V
SMBus Timing
Clock Frequency
fSMB
10
400
kHz
Spike Suppression
tSP
50
ns
Bus free time Start to
Stop
tBUF
1.3
us
Hold Time: Start
tHD:STA
0.6
us
Setup Time: Start
tSU:STA
0.6
us
Setup Time: Stop
tSU:STO
0.6
us
Data Hold Time
tHD:DAT
0.3
us
Data Setup Time
tSU:DAT
100
ns
Table 3.2 Electrical Specifications (continued)
VDD = 3.0V to 3.6V, TA = 0
oC - 85oC, Typical values are at T
A = 27°C unless otherwise noted
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com