Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM223 Datasheet(PDF) 4 Page - Endress+Hauser Group Services AG

Part # CLM223
Description  Conductivity/resistivity measurement
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLM223 Datasheet(HTML) 4 Page - Endress+Hauser Group Services AG

  CLM223 Datasheet HTML 1Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 2Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 3Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 4Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 5Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 6Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 7Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 8Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Liquisys M CLM223/253
4
Endress+Hauser
Dependability
Reliability
Sensor live check (process check system, PCS (Plus package))
The process check system (PCS) checks the measuring signal for stagnation. An alarm is triggered if
the measuring signal does not change over a specific period (several measured values).
The main causes of stagnating measured values are:
• Contaminated sensor, or sensor outside of medium
• Sensor defective
• Process error (e.g. through control system)
Current output configuration (Plus package)
In order to display wide measuring ranges while still achieving a high resolution in specific ranges,
the current output can be configured as required via a table. This permits bilinear and quasi-
logarithmic curves etc.
Second current output
The second current output can be flexibly configured to output the temperature, the main measured
value (conductivity, resistance, concentration) or the controller actuating variable.
Current input
The transmitter current input permits two different applications:
• Flow monitoring with controller switch-off if flow falls below lower flow level in the main flow
• Feedforward control to the controller
The two functions can also be combined.
Integrity
Temperature compensation
The temperature compensation options are: linear, NaCl curve according to IEC 746, ultrapure water
NaCl (neutral compensation) or ultrapure water HCl (acid compensation, also for ammonia).
The reference temperature is user-definable, the standard value is 25 °C (77 °F).
Polarization detection (Plus package)
Polarization effects in the boundary layer between the sensor and the medium limit the measuring
range of conductive conductivity sensors.
The transmitter can detect polarization effects using a smart signal evaluation process.
Adaptive calibration for determining the installation factor (inductive sensor, Plus package)
The measured value changes if inductive sensors must be installed in narrow pipes at a short
distance from the pipe wall. The built-in adaptive calibration using the installation factor allows you
to compensate for this once the sensor is installed.
Safety
Process safety
Different alarms are required depending on the application and operator. The transmitter therefore
permits the independent configuration of the fault-signaling contact and the error current for every
individual error. Unnecessary or undesired alarms can be suppressed in this way. Up to four contacts
can be used as limit contacts (also for temperature), as a P(ID) controller and for cleaning functions.
The direct manual operation of the contacts (bypassing the menu) enables quick access to limit
value, control or cleaning contacts. Any deviations can be quickly corrected in this way.
Ultrapure water monitoring according to USP (United States Pharmacopoeia) and EP (European
Pharmacopoeia) (Plus package)
Ultrapure water monitoring according to USP <645> or EP means that the uncompensated
conductivity and the temperature are measured and the results are compared against a table. The
transmitter (conductive with additional contacts) has the following functions:
• Monitoring of "Water for Injection" (WFI) according to USP and EP
• Monitoring of "Highly Purified Water" (HPW) according to EP
• Monitoring of "Purified Water" (PW) according to EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com