Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM223 Datasheet(PDF) 6 Page - Endress+Hauser Group Services AG

Part # CLM223
Description  Conductivity/resistivity measurement
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLM223 Datasheet(HTML) 6 Page - Endress+Hauser Group Services AG

Back Button CLM223 Datasheet HTML 2Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 3Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 4Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 5Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 6Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 7Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 8Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 9Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 10Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Liquisys M CLM223/253
6
Endress+Hauser
PROFIBUS DP
Signal encoding
RS485
Data transmission rate
9.6 kBd, 19.2 kBd, 93.75 kBd, 187.5 kBd, 500 kBd, 1.5 MBd
Galvanic isolation
Yes (IO modules)
Signal on alarm
2.4 or 22 mA in the event of an error
Load
Max. 500 Ω
Transmission range
Conductivity
Configurable
Resistivity
Configurable
Concentration
Configurable
actuating variable
Configurable
Temperature
Configurable
Signal resolution
Max. 700 digits/mA
Minimum spread of output
signal
Conductivity
Measured value 0 to 1.999 μS/cm
0.2 μS/cm
Measured value 0 to 19.99 μS/cm
2 μS/cm
Measured value 20 to 199.9 μS/cm
20 μS/cm
Measured value 200 to 1999 μS/cm
200 μS/cm
Measured value 2 to 19.99 mS/cm
2 mS/cm
Measured value 20 to 2000 mS/cm
20 mS/cm
Resistance
Measured value 0 to 199.9 kΩcm
20 kΩcm
Measured value 200 to 1999 kΩcm
200 kΩcm
Measured value 2 to 19.99 MΩcm
2.0 MΩcm
Measured value 20 to 200 MΩcm
20 MΩcm
Concentration
No minimum turndown
Temperature
15 °C
Separation voltage
Max. 350 VRMS / 500 V DC
Auxiliary voltage output
Output voltage
15 V ± 0.6 V
Output current
Max. 10 mA
Contact outputs
Switching current with ohmic load (cos φ = 1)
Max. 2 A
Switching current with inductive load (cos φ = 0.4) Max. 2 A
Switching voltage
Max. 250 V AC, 30 V DC
Switching power with ohmic load (cos φ = 1)
Max. 500 VA AC, 60 W DC
Switching power with inductive load (cos φ = 0.4) Max. 500 VA AC, 60 W DC
Limit contactors
Pickup/dropout delay
0 to 2000 s
Controller
Function (configurable)
Pulse length/pulse frequency controller,
continuous controller
Controller behavior
P, PI, PD, PID, basic load dosing
Control gain Kp
0.01 to 20.00
Integral action time Tn
0.0 to 999.9 min
Derivative action time Tv
0.0 to 999.9 min
Period length for pulse length controller
0.5 to 999.9 s
Frequency for pulse frequency controller
60 to 180 min-1
Basic load
0 to 40 % of max. actuating variable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com