Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM223 Datasheet(PDF) 13 Page - Endress+Hauser Group Services AG

Part # CLM223
Description  Conductivity/resistivity measurement
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLM223 Datasheet(HTML) 13 Page - Endress+Hauser Group Services AG

Back Button CLM223 Datasheet HTML 9Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 10Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 11Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 12Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 13Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 14Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 15Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 16Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 17Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Liquisys M CLM223/253
Endress+Hauser
13
Dimensions
Pg 7
Pg 16
11 (0.43)
115 (4.53)
70 (2.76)
154 (6.06)
170 (6.69)
Pg 13.5
A0024637
 10
Field device: dimensions in mm (inch)
90 (3.54)
6 (0.24)
92 (3.62)
A0024641
 11
Panel-mounted device: dimensions in mm (inch)
Weight
Panel-mounted device
Max. 0.7 kg (1.54 lbs.)
Field device
Max. 2.3 kg (5.07 lbs.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com