Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM223 Datasheet(PDF) 17 Page - Endress+Hauser Group Services AG

Part # CLM223
Description  Conductivity/resistivity measurement
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLM223 Datasheet(HTML) 17 Page - Endress+Hauser Group Services AG

Back Button CLM223 Datasheet HTML 12Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 13Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 14Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 15Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 16Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 17Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 18Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 19Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 20Page - Endress+Hauser Group Services AG  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Liquisys M CLM223/253
Endress+Hauser
17
Indumax CLS54
• Inductive conductivity sensor
• For standard and hazardous area applications, available with hygienic design for food, beverages,
pharmaceuticals and biotechnology
• Product Configurator on the product page: www.endress.com/CLS54
Technical Information TI00400C
Connection accessories
Measuring cable CYK71
• Unterminated cable for connecting analog sensors and for extending sensor cables
• Sold by the meter, order numbers:
– Non-Ex version, black: 50085333
– Ex-version, blue: 50085673
Measuring cable CLK6
• Extension cable for inductive conductivity sensors, for extension via VBM junction box
• Sold by the meter, order number: 71183688
VBM
• Junction box for cable extension
• 10 terminal strips
• Cable entries: 2 x Pg 13.5 or 2 x NPT ½"
• Material: aluminum
• Degree of protection: IP 65
• Order numbers
– Cable entries Pg 13.5 : 50003987
– Cable entries NPT ½": 51500177
M12 socket
• Four-pin metal socket for mounting on transmitter
• For connecting sensor cables with an M12 connector
• Length of connecting cable for wiring in transmitter: 150 mm (5.9 inch).
• Order number: 51502184
n.c.
n.c.
A (PA-)
A (PA-)
S
S
B (PA+)
B (PA+)
A (PA-)
S (PE)
B (PA+)
45
1.77”
7
0.28”
150 / 300
5.91” / 11.81”
A0024657
Installation accessories
CYY101
• Weather protection cover for field devices
• Absolutely essential for field installation
• Material: stainless steel 1.4301 (AISI 304)
• Order No. CYY101-A
270 (10.6)
300 (11.8)
A0024627
 13
Dimensions in mm (inch)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com