Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM223 Datasheet(PDF) 5 Page - Endress+Hauser Group Services AG

Part # CLM223
Description  Conductivity/resistivity measurement
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLM223 Datasheet(HTML) 5 Page - Endress+Hauser Group Services AG

  CLM223 Datasheet HTML 1Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 2Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 3Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 4Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 5Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 6Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 7Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 8Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Liquisys M CLM223/253
Endress+Hauser
5
The user-configurable pre-alarm indicates undesired operating states in good time. To comply with
USP or EP requirements, it is necessary to use a sensor that measures with highest precision, e.g.
CLS16.
Input
Measured values
Conductivity
Resistivity
Temperature
Measuring ranges
Conductivity (conductive)
0 to 600 mS/cm (uncompensated)
Conductivity (inductive)
0 to 2000 mS/cm (uncompensated)
Resistance
0 to 200 MΩcm
Concentration
0 to 9999 (%, ppm, mg/l, TDS)
Temperature
-35 to +250 °C (can also be displayed in °F)
Cell constant
Configurable cell constant
k = 0.0025 to 99.99 cm-1
Measuring frequency
Conductivity, resistance (conductive)
170 Hz to 2 kHz
Conductivity (inductive)
2 kHz
Connectable temperature
sensors
Pt 100, Pt 1000, NTC 30K
Binary inputs
Voltage
10 to 50 V
Current consumption
Max. 10 mA
Current input
4 to 20 mA, galvanically isolated
Load: 260 Ω for 20 mA (voltage drop 5.2 V)
Output
Output signal
0/4 to 20 mA, galvanically isolated, active
HART
Signal encoding
Frequency Shift Keying (FSK) + 0.5 mA via current output signal
Data transmission rate
1200 baud
Galvanic isolation
Yes
PROFIBUS PA
Signal encoding
Manchester Bus Powered (MBP)
Data transmission rate
31.25 kBit/s, voltage mode
Galvanic isolation
Yes (IO modules)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com