Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM223 Datasheet(PDF) 3 Page - Endress+Hauser Group Services AG

Part # CLM223
Description  Conductivity/resistivity measurement
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLM223 Datasheet(HTML) 3 Page - Endress+Hauser Group Services AG

  CLM223 Datasheet HTML 1Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 2Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 3Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 4Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 5Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 6Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 7Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 8Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Liquisys M CLM223/253
Endress+Hauser
3
Equipment architecture
Block diagram
11
12
13
47
48
49
57
58
59
15 V
10-50 V
81
82
10-50 V
93
94
41
42
43
Lf
mA
31
32
mA
33
34
51
52
53
54
55
56
S
84
83
15
16
84
PE
83
L+
L–
N
L1
~
=
PE
23 +
24 -
mA
15
16
85+
86 _
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
*
*
A0024647
 2
Block diagram
A
Sensor (conductive)
I
Alarm (current-free contact position)
B
Sensor (inductive)
J
Relay 1 (current-free contact position)
C
Temperature sensor
K
Relay 2 (current-free contact position)
D
Signal output 1, conductivity
L
Relay 3 (current-free contact position)
E
Signal output 2, user-definable variable
M
Relay 4 (current-free contact position)
F
Binary input 1 (hold)
N
Current input 4 to 20 mA
G
Binary input 2 (Chemoclean)
O
Power supply
H
Auxiliary voltage output
*
Auxiliary voltage, terminal 85/86 can be used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com