Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM223 Datasheet(PDF) 8 Page - Endress+Hauser Group Services AG

Part # CLM223
Description  Conductivity/resistivity measurement
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLM223 Datasheet(HTML) 8 Page - Endress+Hauser Group Services AG

Back Button CLM223 Datasheet HTML 4Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 5Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 6Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 7Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 8Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 9Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 10Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 11Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 12Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Liquisys M CLM223/253
8
Endress+Hauser
Power supply
Supply voltage
Depending on order version:
• 100/115/230 V AC +10/-15 %, 48 to 62 Hz
• 24 V AC/DC +20/-15 %
Power supply via fieldbus
HART
Supply voltage
Not applicable, active current outputs
Reverse polarity protection
Not applicable, active current outputs
PROFIBUS PA
Supply voltage
9 V to 32 V, max. 35 V
Sensitivity to reverse polarity
No
FISCO/FNICO compliant according to IEC
60079-27
No
PROFIBUS DP
Supply voltage
9 V to 32 V, max. 35 V
Sensitivity to reverse polarity
Not applicable
FISCO/FNICO compliant according to IEC
60079-27
No
Power consumption
Max. 7.5 VA
Mains fuse
Fine-wire fuse, semi-delay 250 V/3.15 A
Circuit breaker
NOTICE
The device does not have a power switch
‣ The customer must provide a protected circuit breaker in the vicinity of the device.
‣ The circuit breaker must be a switch or power switch, and you must label it as the circuit breaker
for the device.
‣ At the supply point, the power supply for the 24 V versions must be isolated from dangerous live
cables by double or reinforced insulation.
Cable specification
Cable length (conductive)
Conductivity: max. 100 m (330 ft) (CYK71)
Resistance: max. 15 m (49 ft) (CYK71)
Cable length (inductive)
Max. 55 m (180 ft) (CLK5)
CYK71 cable resistance
165 Ω/km (conductivity measurement)
Overvoltage protection
According to EN 61000-4-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com