Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM223 Datasheet(PDF) 7 Page - Endress+Hauser Group Services AG

Part # CLM223
Description  Conductivity/resistivity measurement
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLM223 Datasheet(HTML) 7 Page - Endress+Hauser Group Services AG

Back Button CLM223 Datasheet HTML 3Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 4Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 5Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 6Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 7Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 8Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 9Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 10Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 11Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Liquisys M CLM223/253
Endress+Hauser
7
Alarm
Function (switchable)
Latching/momentary contact
Alarm threshold adjustment range
Conductivity/resistance/concentration/
temperature/USP/EP: entire range
Alarm delay
0 to 2000 s
Monitoring time for lower limit violation
0 to 2000 min
Monitoring time for upper limit violation
0 to 2000 min
Protocol-specific data
HART
Manufacturer ID
11h
Device type
0092h (inductive measurement), 0093h
(conductive measurement)
Transmitter-specific revision
0001h
HART version
5.0
Device description files (DD)
www.endress.com/hart
HART load (communication resistor)
250 Ω
Device variables
None (only dynamic variables PV and SV)
Supported features
-
PROFIBUS PA
Manufacturer ID
11h
Device type
1515h
Device revision
0001h
Profile version
2.0
GSD files
www.endress.com/profibus
GSD version
Output values
Primary value, temperature
Input variables
PCS display value
Supported features
Device lock: The device can be locked using the
hardware or software.
PROFIBUS DP
Manufacturer ID
11h
Device type
1521h
Profile version
2.0
GSD files
www.endress.com/profibus
GSD version
Output values
Primary value, temperature
Input variables
PCS display value
Supported features
Device lock: The device can be locked using the
hardware or software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com