Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM223 Datasheet(PDF) 12 Page - Endress+Hauser Group Services AG

Part # CLM223
Description  Conductivity/resistivity measurement
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLM223 Datasheet(HTML) 12 Page - Endress+Hauser Group Services AG

Back Button CLM223 Datasheet HTML 8Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 9Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 10Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 11Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 12Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 13Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 14Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 15Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 16Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Liquisys M CLM223/253
12
Endress+Hauser
Environment
Ambient temperature range
-10 to +55 °C (+10 to +130 °F)
Storage temperature
–25 to +65 °C (-10 to +150 °F)
Electromagnetic
compatibility
Interference emission and interference immunity as per EN 61326-1:2006, EN 61326-2-3:2006
Degree of protection
Field device
IP 65 / integrity according to NEMA 4X
Panel-mounted device
IP 54 (front), IP 30 (housing)
Electrical safety
As per EN/IEC 61010-1:2010, overvoltage category II for installations up to
2000 m (6500 ft) above MSL
CSA
Device versions with CSA General Purpose approval are certified for indoor use.
Relative humidity
10 to 95%, not condensing
Degree of contamination
The product is suitable for pollution degree 2.
Mechanical construction
Design
1
2
3
4
A0024640
 9
View into the field device housing
1
Removable electronics box
2
Terminals
3
Partition plate
4
Fuse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com