Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM223 Datasheet(PDF) 11 Page - Endress+Hauser Group Services AG

Part # CLM223
Description  Conductivity/resistivity measurement
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLM223 Datasheet(HTML) 11 Page - Endress+Hauser Group Services AG

Back Button CLM223 Datasheet HTML 7Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 8Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 9Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 10Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 11Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 12Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 13Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 14Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 15Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Liquisys M CLM223/253
Endress+Hauser
11
3
1
2
3
A0024636
 7
Field device with universal post and weather protection cover
1
Bore holes in the weather protection cover to secure to the upright post
2
Bore holes in the upright post to secure the weather protection cover
3
Bore holes in the weather protection cover to secure the field device
Panel mounting
1
2
3
3
3
92
(3.62
+0.5
+0.02)
~ 25 (0.98)
139 (5.47)
max. 45 (1.77)
6 (0.24)
~ 165 (6.50)*
A0024639
 8
Dimensions in mm (inch)
1
Mounting plate
2
Seal
3
Tensioning screws
*
Necessary installation depth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com