Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM223 Datasheet(PDF) 9 Page - Endress+Hauser Group Services AG

Part # CLM223
Description  Conductivity/resistivity measurement
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLM223 Datasheet(HTML) 9 Page - Endress+Hauser Group Services AG

Back Button CLM223 Datasheet HTML 5Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 6Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 7Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 8Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 9Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 10Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 11Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 12Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 13Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Liquisys M CLM223/253
Endress+Hauser
9
Sensor connection
You require shielded special measuring cables to connect conductivity sensors to the transmitter. Use
a junction box and an extension cable to extend the measuring cable (see Accessories).
A0024755
 3
Connection of conductive sensors
RD
WH
CLK 5
J
83
16
15
84
11
12
13
GN WH YE
BU RD RD BU
S
A0024754
 4
Connection of inductive sensors
Performance characteristics
Reference operating
conditions
Reference temperature:
25 ˚C (77 ˚F)
Measured value resolution
Conductivity
Depends on measured value; 0.001 μS/cm up to a
measured value of 1.999 μS/cm and k ≤ 0.5 cm-1
Temperature
0.1 °C
Maximum measured error
Display
Conductivity
Max. 0.5 % of measured value ± 4 digits
Resistance
Max. 0.5 % of measured value ± 4 digits
Temperature
Max. 1.0 % of measuring range
Signal output
Conductivity
Max. 0.75 % of current output range
Resistance
Max. 0.75 % of current output range
Temperature
Max. 1.25 % of measuring range
Measured errors in accordance with DIN IEC 746 Part 1, at rated operating conditions
Repeatability
Max. 0.2% of measured value ± 2 digits
Temperature compensation
Range
-35 to +250 °C (-30 to 480 °F)
Types of compensation
Uncompensated, linear, NaCl, table
Conductive only: ultrapure water NaCl, ultrapure water HCl
Offset
Temperature
±5 °C for adjusting the temperature display



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com