Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM223 Datasheet(PDF) 14 Page - Endress+Hauser Group Services AG

Part # CLM223
Description  Conductivity/resistivity measurement
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLM223 Datasheet(HTML) 14 Page - Endress+Hauser Group Services AG

Back Button CLM223 Datasheet HTML 10Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 11Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 12Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 13Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 14Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 15Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 16Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 17Page - Endress+Hauser Group Services AG CLM223 Datasheet HTML 18Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Liquisys M CLM223/253
14
Endress+Hauser
Materials
Panel-mounted device housing
Polycarbonate
Field housing
ABS PC FR
Front membrane
Polyester, UV-resistant
Terminals
Cable cross-section
Max. 2.5 mm2 (14 AWG)
Operability
Operating concept
All the device's operating functions are arranged in a clear menu structure. The individual
parameters can be selected and modified once the access code has been entered.
Display and operating
elements
The display shows the current measured value and the temperature simultaneously, which means
you have an overview of the most important process data at once. Help text in the configuration
menu helps users configure the device parameters.
1
7
6
4
5
3
2
A0024632-EN
 12
Operating elements
1
LC display for displaying the measured values and configuration data
2
Key to switch relays in manual mode and to display the active contact
3
LED for alarm function
4
Changeover switch for automatic/manual mode
5
LEDs for limit contactor relay (switch status)
6
Main operating keys for calibration and device configuration
7
Field for user-defined information
Certificates and approvals
mark
The product meets the requirements of the harmonized European standards. As such, it complies
with the legal specifications of the EC directives. The manufacturer confirms successful testing of the
product by affixing to it the  mark.
CSA General Purpose
The following device versions meet the requirements of CSA and ANSI/UL for Canada and the US:
• CLM253-**2/3/7***
• CLM223-**2/3/7***



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com