Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHT25 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AHT25
Description  Humidity and Temperature Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AHT25 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AHT25 Datasheet HTML 1Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 2Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 3Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 4Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 5Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 6Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 7Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 8Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.aosong.com
Version:V1.0 —— May 2021
ATH25 Data Sheet
2 / 14
2 Sensor Specifications
Relative Humidity
Parameter
Condition
Min
Typical
Value
Max
Unit
Resolution
Typical
-
0.024
-
%RH
Accuracy
Typical
-
±2
-
%RH
Tolerance1
Max
See Figure 2
-
%RH
Repeatable
-
-
±0.1
-
%RH
Hysteresis
-
-
±1
-
%RH
Nonlinear
-
-
<0.1
-
%RH
Response Time2
63%
-
<8
-
s
Scope of Work
Extended3
0
-
100
%RH
Prolonged Drift4
Normal
-
<1
-
%RH/yr
Table 1. Humidity characteristics table
Figure 2. Typical and maximum humidity errors
Electrical Specifications
Parameter
Condition
Min
Typical Value
Max
Unit
Supply Voltage
Typical
2.2
3.3
5.5
V
Supply Current,
IDD 5
Dormancy
-
250
-
nA
Measure
-
980
-
µA
Power
Consumption5
Dormancy
-
-
0.8
µW
Measure
-
3.2
-
mW
Communication
Standard I²C protocol
Table 2. Electrical Specifications
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com