Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHT25 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AHT25
Description  Humidity and Temperature Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AHT25 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AHT25 Datasheet HTML 5Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 6Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 7Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 8Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 9Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 10Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 11Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 12Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
ATH25 Data Sheet
www.aosong.com
Version:V1.0 —— May 2021
9 / 14
Figure 9. Timing diagram of digital input / output
The abbreviations are explained in Table 8. The thicker SDA line is controlled by the sensor,
and the ordinary SDA line is controlled by the single-chip microcomputer. Please note that the
SDA valid read time is triggered by the falling edge of the previous conversion.
Table 8. Timing characteristics of I²C fast mode digital Inputs / outputs
The meaning is shown in Figure 9. Unless otherwise noted
7 Sensor Communication
ATH25 uses standard I²C protocol for communication. For information about the I²C protocol
other than the following chapters, please refer to the following website: www.aosong.com
provides a sample program for reference.
7.1 Start the Sensor
The first step is to power up the sensor with the selected VDD supply voltage (range between
2.2V and 5.5V). After power-on, the sensor needs less than 100ms stabilization time (SCL is
high at this time) to reach the idle state and it is ready to receive commands sent by the host
(MCU).
7.2 Start/Stop Sequence
Each transmission sequence starts with the Start state and ends with the Stop state, as shown
in Figure 10 and Figure 11.
Figure 10. Start transmission status (S)
When SCL is high, SDA is converted from high to low. The start state is a special bus state
controlled by the master, indicating the start of the slave transfer (after Start, the BUS is
generally considered to be in a busy state).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com