Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHT25 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AHT25
Description  Humidity and Temperature Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AHT25 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AHT25 Datasheet HTML 1Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 2Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 3Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 4Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 5Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 6Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 7Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 8Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
www.aosong.com
Version:V1.0 —— May 2021
1 /13
14
Product Summary
The AHT25 temperature and humidity sensor is equipped with a newly designed ASIC
dedicated chip, an improved MEMS semiconductor capacitive humidity sensor element and
a standard temperature sensor element, and its performance has reached the industry's
advanced level. The improved new generation temperature and humidity sensor AHT25 has
more stable performance in harsh environments and can maintain good accuracy in a larger
measurement range. AHT25 uses standard-pitch plug-in connectors, which can be easily
replaced in application. Every sensor has been rigorously calibrated and tested. Due to the
improvement and miniaturization of the sensor, its cost performance has become higher.
Data Sheet AHT25
Humidity and Temperature Module
•
Relative humidity and temperature output
•
Superior sensor performance, typical accuracy RH: ±2%, T:
±0.3℃
•
Fully calibrated and processed digital output, I²C protocol
•
Wide voltage support 2.2 to 5.5V DC
•
Excellent long-term stability
•
Fast-response and anti-interference capability
1 Product Description
The AHT25 can be widely used in consumer electronics, medical, automotive,
industrial, meteorological and other fields, such as: HVAC, dehumidifiers and
refrigerators and other home appliances, testing and testing equipment and other
related temperature and humidity testing and control products.
Figure 1. AHT25


Similar Part No. - AHT25

ManufacturerPart #DatasheetDescription
logo
ASAIR All Rights Reserv...
AHT20 ASAIR-AHT20 Datasheet
1Mb / 16P
Humidity and Temperature Sensor
Version:V1.0 - May 2021
More results

Similar Description - AHT25

ManufacturerPart #DatasheetDescription
logo
Humirel
HTF3223 HUMIREL-HTF3223 Datasheet
142Kb / 4P
TEMPERATURE AND HUMIDITY MODULE
HTM1505 HUMIREL-HTM1505 Datasheet
198Kb / 4P
RELATIVE HUMIDITY AND TEMPERATURE MODULE
HTF3000LF HUMIREL-HTF3000LF Datasheet
347Kb / 5P
TEMPERATURE AND HUMIDITY MODULE
HTF3130 HUMIREL-HTF3130 Datasheet
1Mb / 4P
TEMPERATURE AND HUMIDITY MODULE
HTF3226LF HUMIREL-HTF3226LF Datasheet
1Mb / 4P
TEMPERATURE AND HUMIDITY MODULE
HTG3400 HUMIREL-HTG3400 Datasheet
772Kb / 10P
RELATIVE HUMIDITY AND TEMPERATURE MODULE
HTF3000 HUMIREL-HTF3000 Datasheet
570Kb / 4P
TEMPERATURE AND HUMIDITY MODULE
logo
List of Unclassifed Man...
TH01 ETC2-TH01 Datasheet
232Kb / 7P
Temperature and Humidity Module
logo
Zhengzhou Winsen Electr...
ZS05 WINSEN-ZS05 Datasheet
475Kb / 8P
Temperature and Humidity Module
logo
Innovative Sensor Techn...
HYT939 IST-HYT939 Datasheet
570Kb / 3P
Digital Humidity and Temperature Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com