Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHT25 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AHT25
Description  Humidity and Temperature Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AHT25 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AHT25 Datasheet HTML 1Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 2Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 3Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 4Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 5Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 6Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 7Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 8Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
ATH25 Data Sheet
www.aosong.com
Version:V1.0 —— May 2021
5 / 14
3.3 Electrical Characteristics
The power consumption given in Table 2 is related to temperature and supply voltage VDD.
Refer to Figures 6 and 7 for power consumption estimation. The curves in Figures 6 and 7 are
typical natural characteristics, and there may be deviations.
Figure 6. Typical supply current vs. temperature curve (sleep mode) when VDD=3.3V
Please note: There is a deviation of approximately ±25% between these data and the displayed value.
Figure 7. The relationship between current and voltage at 25℃
Please note: The deviation of these data from the displayed value may reach ±50% of the displayed value.
At 60℃, the coefficient is about 15 (Compared with table 2).
4 Applications
4.1 Welding Instructions
It is forbidden to use reflow soldering or wave soldering for soldering. The manual soldering
must be contacted for less than 5 seconds at the highest temperature of 300℃
Note: After welding, ATH25 need to be stored in the condition >75%RH for over 12 hours to
ensure the rehydration of the polymer. Otherwise, the output signal of the sensor will drift. The
sensor can also be placed in a natural environment (>40%RH) for more than 2 days to
rehydrate it. The use of low temperature solder (for example: 180°C) can reduce the hydration
time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com