Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHT25 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AHT25
Description  Humidity and Temperature Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AHT25 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AHT25 Datasheet HTML 1Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 2Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 3Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 4Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 5Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 6Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 7Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 8Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.aosong.com
Version:V1.0 —— May 2021
ATH25 Data Sheet
4 / 14
3 Expansion Performance
3.1 Operating Conditions
The performance of the sensor is stable within the recommended working condition shown in
Figure 4. Long-term exposure to the condition that outside of the normal range of conditions,
especially humidity is over 80%, may cause the output signal temporary drift (drift + 3% RH
after 60 hours). After returning to the normal working condition, the sensor will slowly recover
to the calibration status. Refer to "Recovery Processing" in section 4.3 to accelerate the
recovery process. Long-term operating under the abnormal conditions will accelerate the
aging of the sensor.
Figure 4. Working conditions
3.2 RH Accuracy at Different Temperatures
Figure 2 defines the RH accuracy at 25°C, and Figure 5 shows the typical humidity error for
other temperature ranges.
Figure 5. The typical error of humidity in the range of 0~80°C, unit: (%RH)
Please note: The above error is the typical error (excluding hysteresis) of the reference instrument test
with a high-precision dew point meter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com