Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHT25 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AHT25
Description  Humidity and Temperature Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AHT25 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AHT25 Datasheet HTML 6Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 7Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 8Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 9Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 10Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 11Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 12Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 13Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
ATH25 Data Sheet
www.aosong.com
Version:V1.0 —— May 2021
10 / 14
Figure 11. Stop transmission state (P)
When SCL is high, the SDA line changes from low to high. The stop state is a special bus state
controlled by the master, indicating the end of the slave transmission (after Stop, the BUS is
generally considered to be in an idle state).
7.3 Send Command
After the transmission is started, the first byte of the I2C transmitted subsequently includes the
7-bit I2C device address 0x38 and an SDA direction bit x (read R: ‘1’, write W: ‘0’). After
the 8th falling edge of the SCL clock, pull down the SDA pin (ACK bit) to indicate that the
sensor data is received normally. After sending the initialization command (‘1110’0001’
represents initialization, ‘1010’1100’ represents temperature and humidity measurement),
the MCU must wait until the measurement is completed. The basic commands are
summarized in Table 9 and Table 10 shows the status bit description returned by the slave.
Command
Code
Initialization
Command
1110‘001
Trigger
Measurement
1010’1100
Soft Reset
1011‘1010
Table 9. Basic Command Set
Bits
Significance
Description
Bit[7]
Busy indication
1-Equipment is busy, in measurement
mode
0- Equipment is idle, in hibernation state
Bit[6:5]
Retain
Retain
Bit[4]
Retain
Retain
Bit[3]
CAL Enable
1 - Calibrated
0 - Uncalibrated
Bit[2:0]
Retain
Retain
Table 10. Status bit description
7.4 Sensor Reading Process
1.After power-on, wait no less than 100ms. Before reading the temperature and humidity value,
get a byte of status word by sending 0x71. If the status word and 0x18 are not equal to 0x18,
initialize the 0x1B, 0x1C, 0x1E registers, details Please refer to our official website routine for
the initialization process; if they are equal, proceed to the next step.
2.Wait 10ms to send the 0xAC command (trigger measurement). This command parameter
has two bytes, the first byte is 0x33, and the second byte is 0x00.
3.Wait 80ms for the measurement to be completed, if the read status word Bit [7] is 0, it means
the measurement is completed, and then six bytes can be read continuously; otherwise,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com