Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHT25 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AHT25
Description  Humidity and Temperature Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AHT25 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AHT25 Datasheet HTML 6Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 7Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 8Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 9Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 10Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 11Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 12Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 13Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
ATH25 Data Sheet
www.aosong.com
Version:V1.0 —— May 2021
11 / 14
continue to wait.
4.After receiving six bytes, the next byte is the CRC check data. The user can read it out as
needed. If the receiving end needs CRC check, an ACK will be sent after the sixth byte is
received. Reply, otherwise send NACK to end, the initial value of CRC is 0XFF, and the CRC8
check polynomial is:
CRC [7:0] = 1+X4+X5+X8
5.Calculate the temperature and humidity value
Note: The calibration status check in the first step only needs to be checked when the power is
turned on. No operation is required during the acquisition process.
Trigger measurement data
Read temperature and humidity data
Note: The sensor needs time to collect. After the host sends a measurement command (0xAC), delay
more than 80 milliseconds before reading the converted data and judging whether the returned status bit
is normal. If the status bit [Bit7] is 0, it means that the data can be read normally. When it is 1, the
sensor is busy, and the host needs to wait for the data processing to complete.
8 Signal Conversion
8.1 Relative Humidity Conversion
The relative humidity RH can be calculated according to the relative humidity signal SRH output
by SDA through the following formula (the result is expressed in %RH):
%
100
*
)
2
S
(
[%]
RH
20
RH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com