Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHT25 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AHT25
Description  Humidity and Temperature Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AHT25 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AHT25 Datasheet HTML 6Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 7Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 8Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 9Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 10Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 11Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 12Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 13Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
ATH25 Data Sheet
www.aosong.com
Version:V1.0 —— May 2021
13 / 14
AHT25 using roll of tape packaging, sealing in antistatic ESD bag. Standard packing size for
each roll of 2000 pieces. For AHT25 packing, after each volume with 240 mm (20 sensor
capacity) and the former 240 mm (20) sensor capacity is empty packaging. A single sensor
weight is about 181 mg, a plate of the total weight about 870 g. With sensors to locate
package diagram shown in Figure 14. Scroll to place in the antistatic bag.
Figure 14. Packing tape and sensor location map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com