Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHT25 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AHT25
Description  Humidity and Temperature Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AHT25 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AHT25 Datasheet HTML 3Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 4Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 5Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 6Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 7Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 8Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 9Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 10Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
ATH25 Data Sheet
www.aosong.com
Version:V1.0 —— May 2021
7 / 14
7.
75%RH can be easily generated from saturated NaCl.
5 Interface Definition
Pins
Name
Describe
1
VDD
Power supply(2.2v to 5.5v)
2
SDA
Serial Data Bidirectional
port
3
GND
Ground
4
SCL
Serial clock Bidirectional
port
Table 5. ATH25 pin distribution (top view)
5.1 Power Pin(VDD,GND)
The power supply range of ATH25 is 2.2-5.5V.
5.2 Serial Clock SCL
The serial clock is used to synchronize the communication between the microprocessor and
ATH25. Since the interface contains completely static logic, there is no minimum SCL
frequency.
5.3 Serial Data SDA
The SDA pin is used for data input and output of the sensor. When sending a command to the
sensor, SDA is valid on the rising edge of the serial clock (SCL), and when SCL is high, SDA
must remain stable. After the falling edge of SCL, the SDA value can be changed. To ensure
communication safety, the effective time of SDA should be extended by TSU and THO before the
rising edge and after the falling edge of SCL refer to Figure 9. When reading data from the
sensor, SDA is valid (TV) after SCL goes low, and is maintained until the next falling edge of
SCL.
Figure 8. Typical application circuit
1234



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com