Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHT25 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AHT25
Description  Humidity and Temperature Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AHT25 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AHT25 Datasheet HTML 1Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 2Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 3Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 4Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 5Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 6Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 7Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 8Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ATH25 Data Sheet
www.aosong.com
Version:V1.0 —— May 2021
3 / 14
Parameter
Condition
Min
Typical
Value
Max
Unit
Resolution
Typical
-
0.01
-
°C
Accuracy
Typical
-
±0.3
-
°C
Tolerance1
Max
See Figure 3
-
°C
Repeatable
-
-
±0.1
-
°C
Hysteresis
-
-
±0.1
-
°C
Response Time2
63%
5
-
30
°C
Scope of Work
Extended3
-40
-
80
°C
Prolonged Drift4
Normal
-
<0.1
-
°C /yr
Table 3. Temperature characteristics table
Figure 3. Typical and maximum temperature errors
Package information
Sensor model
Package
Quantity
ATH25
Tape packaging
2000Pcs/Roll(MAX)
Table 4. Package information
1.This accuracy is based on the sensor's test accuracy at a
supply voltage of 3.3V at 25°C during the factory inspection.
This value does not include hysteresis and non- linearity and
applies only to non-condensing conditions.
2.The time required to reach the first-order response of 63% at
25°C and 1 m/s airflow.
3.Normal operating humidity range: 0-80%RH. There will be
deviation in the sensor reading (after 60 hours in 90%RH
humidity, drift >3%RH) beyond this range. The working
condition is limited to -40°C -80°C.
4.If there are volatile solvents, tapes with pungent odors,
adhesives, and packaging materials around the sensor, the
readings may shift. For details, please refer to the relevant
documents.
5.The minimum and maximum values for supply current and
power consumption are based on VCC = 3.3V and T < 60°C.
6.The response time depends on the thermal conductivity of
the substrate of the sensor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com