Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHT25 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # AHT25
Description  Humidity and Temperature Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AHT25 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button AHT25 Datasheet HTML 6Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 7Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 8Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 9Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 10Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 11Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 12Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 13Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
ATH25 Data Sheet
www.aosong.com
Version:V1.0 —— May 2021
12 / 14
8.2 Temperature Conversion
The temperature T can be calculated by substituting the temperature output signal ST into the
following formula: (The result is expressed in temperature ℃ ):
50
-
200
*
2
S
]
[
T
20
T )
(
℃
9 Environmental Stability
If the sensor is used in equipment or machinery, make sure that the sensor used for
measurement and reference- sense the same temperature and humidity. If the sensor is
placed in the equipment, the response time will be prolonged, so ensure that sufficient
measurement time is reserved in the program design. The AHT25 sensor is tested according
to the company standard of the temperature and humidity sensor of Aosong. The performance
of the sensor under other test conditions is not guaranteed and cannot be used as a part of the
sensor's performance. Especially for specific occasions required by users, no promises are
made.
10 Packing Instructions
10.1 Outer Dimensions
Figure 12. AHT25 sensor encapsulation (unit: mm unmarked tolerance: ± 0.1mm)
10.2 Tracking Information
All ATH25 sensors have laser marking on the surface, and are accompanied by markings for
parameter descriptions, see Figure 12. The anti-static bag is also labeled, as shown in Figure
13, and provides additional tracking information.
Figure 13. Sensor laser marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com