Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHT25 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AHT25
Description  Humidity and Temperature Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AHT25 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AHT25 Datasheet HTML 4Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 5Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 6Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 7Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 8Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 9Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 10Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 11Page - List of Unclassifed Manufacturers AHT25 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
ATH25 Data Sheet
www.aosong.com
Version:V1.0 —— May 2021
8 / 14
Note:
1. The power supply voltage of the host MCU must be consistent with the sensor when the product is
used in the circuit.
2. If you need to further improve the reliability of the system, you can control the sensor power supply.
3. When the sensor is just powered on, give priority to the sensor VDD power supply, SCL and SDA
high level can be set after 5ms.
To avoid signal conflicts, the microprocessor (MCU) must only drive SDA and SCL at low level.
An external pull-up resistor (for example: 4.7kΩ) is required to pull the signal to a high level.
Refer to Table 7 and Table 8 for detailed information about sensor input/output characteristics.
6 Electrical Characteristics
6.1 Absolute Maximum Ratings
The electrical characteristics of ATH25 are defined in Table 2. The absolute maximum ratings
given in Table 6 are only stress ratings and provide more information. Under such condition, it
is not advisable for the device to perform functional operations. Exposure to absolute
maximum ratings for a long time may affect the reliability of the sensor.
Parameters
Min
Max
Unit
VDD to GND
-0.3
5.5
V
Digital I/O Pins
(SDA, SCL) to GND
-0.3
VDD+0.3
V
Input current per pin
-10
10
mA
Table 6. Absolute maximum electrical ratings
ESD electrostatic discharge conforms to JEDECJESD22-A114 standard (human body model
±4kV), JEDECJESD22-A115 (machine model ±200V). If the test condition exceeds the
nominal limit index, the sensor needs to add an additional protection circuit.
6.2 Input/Output Characteristics
Electrical characteristics, such as power consumption, input and output high and low voltages,
etc., depend on the power supply voltage. In order to make the sensor communication smooth,
it is very important to ensure that the signal design is strictly limited to the range given in Table
7, 8 and Figure 9).
Table 7. DC characteristics of digital input and output pads, if there is no special statement VDD=2.2
V to 5.5 V; T=-40°C to 80°C
Parameters
Conditions
Min
Typical
Max
Unit
Low output Voltage VOL
VDD=3.3V,
-4mA<IOL<0mA
0
-
0.4
V
High output Voltage VOH
-
70% VDD
-
VDD
V
Output sink current IOL
-
-
-
-4
mA
Low output Voltage VIL
-
0
-
30%VDD
V
High output Voltage VIH
-
70% VDD
-
VDD
V
Input Current
VDD=5.5V,
VIN=0V to 5.5V
-
-
±1
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com