Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KF2 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # KF2
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KF2 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button KF2 Datasheet HTML 15Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 16Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 17Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 18Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 19Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 20Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 21Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 22Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
©NEC Electronics Corporation 2004
78K0/KF2
ZUD-CC-04-0129-E
Data Published Oct 2004 N CP(K)
(2) Serial interface
(TA = -40 to +85
°C, 1.8 V ≤ VDD = EVDD ≤ 5.5 V, 2.3 V ≤ AVREF ≤ VDD= EVDD, VSS = EVSS = AVSS = 0 V)
(a)UART mode (UART6, dedicated baud rate generator output)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Transfer rate
312.5
kbps
(b) UART mode (UART0, dedicated baud rate generator output)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Transfer rate
312.5
kbps
(c) IIC0 mode
Normal mode
High speed mode
Parameter
Symbol
MIN.
. MAX
MIN.
. MAX
Unit
SCL0 clock frequency
fCLK
0
100
0
400
kHz
Start/restart condition setup time
Note1
tSU: STA
4.8
-
0.7
-
µs
hold time
tHD: STA
4.1
-
0.7
-
µs
Hold time in SCL = ”L”
tLOW
5.0
-
1.25
-
µs
Hold time in SCL = ”H”
tHIGH
5.0
-
1.25
-
µs
Data setup time (reception)
tSU: DAT
0
-
0
-
µs
Data hold time (sending)
Note2
tHD: DAT
0.47
4.0
0.23
1.00
µs
Notes 1.
The first clock pulse is generated after this period in the case of the start/restart condition.
2.
The MAX of tHD:DAT is normal transition value. Wait is occurred in the term of
ACK(acknowledge) .
Caution
Specification at 1.8 V ≤ VDD < 2.7V is not fixed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com