Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KF2 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # KF2
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KF2 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button KF2 Datasheet HTML 6Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 7Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 8Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 9Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 10Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 11Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 12Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 13Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
©NEC Electronics Corporation 2004
78K0/KF2
ZUD-CC-04-0129-E
Data Published Oct 2004 N CP(K)
High-Speed System Clock (Crystal/Ceramic) Oscillator Characteristics
(TA = -40 to +85
°C, 1.8 V ≤ VDD = EVDD ≤ 5.5 V, 2.3 V ≤ AVREF ≤ VDD= EVDD, VSS = EVSS = AVSS = 0 V)
Resonator
Recommended
Circuit
Parameter
Conditions
MIN.
TYP.
MAX.
Unit
4.0 V
≤ VDD ≤ 5.5 V
2.0
20.0
2.7 V
≤ VDD < 4.0 V
2.0
10.0
Ceramic
resonator
C1
X2
X1
VSS
C2
Oscillation
frequency(fXH)
Note
1.8 V
≤ VDD < 2.7 V
2.0
5.0
MHz
4.0 V
≤ VDD ≤ 5.5 V
2.0
20.0
2.7 V
≤ VDD < 4.0 V
2.0
10.0
Crystal resonator
Oscillation
frequency(fXH)
Note
1.8 V
≤ VDD < 2.7 V
2.0
5.0
MHz
Note
Indicates only oscillator characteristics.
Refer to AC Characteristics for instruction execution time.
Cautions 1.
When using the high-speed system clock oscillator, wire as follows in the area enclosed by the broken
lines in the above figures to avoid an adverse effect from wiring capacitance.
• Keep the wiring length as short as possible.
• Do not cross the wiring with the other signal lines.
• Do not route the wiring near a signal line through which a high fluctuating current flows.
• Always make the ground point of the oscillator capacitor the same potential as VSS.
• Do not ground the capacitor to a ground pattern through which a high current flows.
• Do not fetch signals from the oscillator.
2.
Since the CPU is started by the Ring-OSC after reset is released, check the oscillation stabilization
time of the high-speed system clock using the oscillation stabilization time status register (OSTC).
Determine the oscillation stabilization time of the OSTC register and oscillation stabilization time
select register (OSTS) after sufficiently evaluating the oscillation stabilization time with the resonator
to be used.
Remark
For the resonator selection and oscillator constant, customers are requested to either
evaluate the oscillation themselves or apply to the resonator manufacturer for evaluation.
C1
X2
X1
C2
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com