Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KF2 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # KF2
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KF2 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button KF2 Datasheet HTML 16Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 17Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 18Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 19Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 20Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 21Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 22Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 23Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
©NEC Electronics Corporation 2004
78K0/KF2
ZUD-CC-04-0129-E
Data Published Oct 2004 N CP(K)
(d) 3-wire serial I/O mode (CSI10, CSI11
master mode, SCK1n
…internal clock output)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
4.0 V
≤ VDD ≤ 5.5 V
100
ns
SCK1n cycle time
tKCY1
2.7 V
≤ VDD < 4.0 V
200
ns
SCK1n high-/low-level width
tKH1,
tKL1
tKCY1/2 - 10
Not1
ns
SI1n setup time (to SCK1n
↑)
tSIK1
30
ns
SI1n hold time (to SCK1n
↑)
tKSI1
30
ns
Delay time from SCK1n
↓ to SO1n
output
tKSO1
C = 50 pF
Note2
40
ns
Notes 1. This is the value when the high-speed system clock (fXH) is operating.
2.
C is the load capacitance of the SCK1n and SO1n output lines.
(e) 3-wire serial I/O mode (CSI10, CSI11
slave mode, SCK1n
…external clock input)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
SCK1n cycle time
tKCY2
400
ns
SCK1n high-/low-level width
tKH2,
tKL2
T.B.D
ns
SI1n setup time (to SCK1n
↑)
tSIK2
80
ns
SI1n hold time (to SCK1n
↑)
tKSI2
50
ns
Delay time from SCK1n
↓ to SO1n
output
tKSO2
C = 50 pF
Note
120
ns
Note
C is the load capacitance of the SO1n output lines.
Remark
n = 0, 1
Caution
Specification at 1.8 V ≤ VDD < 2.7V is not fixed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com